Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 46 of 48
Jul 12, 2019
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Jul 12, 2019
FN8748.2
On page 3, updated Ordering Information table by adding tape and reel parts, Tape and Reel column, and
updating Note 1.
On page 4, changed the suggested typical resistor divider value for the VINSEN (pin 22) from 402k to 40.2k.
On page 13, added “Fast Phase Add Function” heading.
Removed About Intersil section.
Updated Renesas disclaimer.
Jun 26, 2017
FN8748.1
Applied new header and footer.
Updated “READ_PIN (97h)” on page 43, changed “Paged” to “Global”.
Updated the “Package Outline Drawing” section.
Updated Figure 5 on page 9.
Updated “Enable (EN0 and EN1) Input High Level” on page 10. Removed the typical value and added a
minimum value of 2.55V.
Added an entry for “Enable (EN0 and EN1) Input Low Level” on page 10 with a maximum of 0.8V.
Added an entry for “SCL, SDA Input High Level” on page 11 with a minimum value of 1.55V.
Removed the entry for “SCL, SDA Input High/Low Threshold”.
Added an entry for “SCL, SDA Input Low Level” on page 11 with a maximum value of 0.8V.
Changed “STATUS_CML” on page 22, bit 1 from “PMBus command tried to write to a read only or protected
command, or a communication fault other than the ones listed in this table has occurred” to
“A communication fault other than the ones listed in this table has occurred”.
Changed “Two’s Complement Integer” to “Unsigned Integer” for the following PMBus commands:
- VOUT_COMMAND
- VOUT_MAX
- VOUT_MARGIN_HIGH
- VOUT_MARGIN_LOW
- VOUT_TRANSITION_RATE
- VOUT_DROOP
- VOUT_MIN
- VOUT_OV_FAULT_LIMIT
- VOUT_UV_FAULT_LIMIT
- VIN_OV_FAULT_LIMIT
- VIN_UV_FAULT_LIMIT
- IIN_OC_FAULT_LIMIT
- TON_DELAY
- TON_RISE
- TOFF_DELAY
- TOFF_FALL
Sep 28, 2016
FN8748.0
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com