Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 16 of 48
Jul 12, 2019
Lossless Input Current and Power Sensing
Input current telemetry is provided through an input current
synthesizer. By using the IC’s ability to precisely determine its
operational conditions, the input current can be synthesized to a
high degree of accuracy without the need for a lossy sense
resistor. You can fine-tune offset and gain in PowerNavigator.
Note that input current sense must be fine-tuned after the output
current sense setup is finalized. You can calculate input power
with a precise knowledge of input current and voltage.
Input current and power telemetry is accessed through PMBus
and easily monitored in PowerNavigator. VIN is monitored directly
by the VINSEN pin through a 1:5 resistor divider as shown in
Figure 17.
Voltage Regulation
The remote sense amplifier senses and digitizes the output
voltage. After digitization, the regulation loop is entirely digital.
The ISL68127 uses traditional PID controls and several
enhanced methods to compensate the voltage regulation loop
and tune the transient response.
Current Feedback
Current feedback in a voltage regulator is often used to ease the
stability design of the voltage feedback path. Additionally, many
microprocessors require the voltage regulator to have a
controlled output resistance (known as load line or droop
regulation), which is accomplished using current feedback.
For applications requiring droop regulation, specify the output
resistance in PowerNavigator.
Current feedback stability benefits are available for rails that do
not specify droop regulation, such as system agent. For these
applications, you can enable AC current feedback in
PowerNavigator. With this configuration, the DC output voltage is
steady regardless of load current.
Power-On Reset (POR)
ISL68127 initialization begins after VCC crosses its rising POR
threshold. When POR conditions are met, the internal 1.2V LDO
is enabled and basic digital subsystem integrity checks begin.
During this process, the controller loads the selected user
configuration from NVM as indicated by the CONFIG pin resistor
value, read VIN UVLO thresholds from memory, and start the
telemetry subsystem. With telemetry enabled, you can monitor
VIN determine when it exceeds its user-programmable rising
UVLO threshold. When VCC and VIN satisfy their respective
voltage conditions, the controller is in its shutdown mode. The
controller transitions to its active state and begins soft-start
when the EN0/EN1 command is at start-up. In shutdown mode,
the PWM outputs are held in a high-impedance state to ensure
the drivers remain off.
Soft-Start Delay and Ramp Times
It may be necessary to set a delay from when an enable signal is
received until the output voltage starts to ramp to its target
value. In addition, you can precisely set the time required for an
output to ramp to its target value after the delay period has
expired. These features can be used as part of an overall inrush
current management strategy or to precisely control how fast a
load IC is turned on. The ISL68127 provides several options for
precisely and independently controlling both the delay and ramp
time periods. The soft-start delay period begins when the EN pin
is asserted and ends when the delay time expires.
Use PowerNavigator to configure the soft-start delay and
ramp-up/down times. The device needs approximately 200µs
after enable to initialize before starting to ramp up. When the
soft-start ramp period is set to 0ms, the output ramps up as
quickly as the output load capacitance and loop settings allow.
Renesas recommends setting the ramps to a non-zero value to
prevent inadvertent fault conditions due to excessive inrush
current.
Stored Configuration Selection
You can store and use up to eight configurations at any time
using the on-board nonvolatile memory. Configurations are
assigned an identifier number between 0 and 7 at power-up. The
device loads the configuration indicated by the 1% resistor value
detected on the CONFIG pin. Resistor values indicate use of one
of the eight possible configurations. See Table 3 for the resistor
value corresponding to each configuration identifier.
Only the most recent configuration with a given number can be
loaded. The device supports a total of eight stored operations.
For example, a configuration with the identifier 0 can be saved
eight times, or configurations with all eight identifiers can be
stored one time each for a total of eight save operations.
PowerNavigator provides a simple interface to save and load
configurations.
FIGURE 17. INPUT VOLTAGE SENSE CONFIGURATION
ADC
VINSEN
IC
40.2k
VIN
10k
10nF
TABLE 3. RESISTOR VALUES TO CONFIGURATION MAPPING
R CONFIG
(Ω)
CONFIG
ID
6800
0
1800
1
2200
2
2700
3
3300
4
3900
5
4700
6
5600
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com