Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 19 of 48
Jul 12, 2019
The ISL68127 has two over-temperature thresholds that allow
both warning and fault indications. Each temperature sensor
threshold can be independently programmed in PowerNavigator.
Figure 25 shows the thermal warning to TWARN and Figure 26
shows the over-temperature fault to shutdown. You can configure
PGOOD and TWARN to indicate these warning and fault
thresholds using PowerNavigator.
Layout and Design Considerations
The following PCB layout and design strategies minimize noise
coupling and the impact of board parasitic impedances on
converter performance, and optimize the heat dissipation
capabilities of the PCB. See TB379 for more information. Follow
these important practices during the layout process.
Table 4 provides general guidance on best practices related to
pin noise sensitivity. Good engineering judgment is required to
implement designs based on criteria specific to the situation.
FIGURE 25. THERMAL WARNING TO TWARN
FIGURE 26. OVER-TEMPERATURE FAULT
LOW OT THRESHOLD
HIGH OT THRESHOLD
PWM
PGOOD
TWARN
PWM
PGOOD
TWARN
HIGH OT THRESHOLD
LOW OT THRESHOLD
TABLE 4. PIN DESIGN AND/OR LAYOUT CONSIDERATIONS
PIN
NAME
NOISE
SENSITIVE
DESCRIPTION
VINSEN
Yes
Connects to the resistor divider between VIN and
GND (see Figure 17). Filter VINSEN with 10nF to
GND.
RGNDx
VSENx
Yes
Treat each of the remote voltage sense pairs as
differential signals in the PCB layout. Route the
pairs side by side on the same layer. Do not route
the pairs in close proximity to noisy signals such
as PWM or Phase. Tie to ground when not used.
PGx
No
Open-drain, 3.3V maximum pull-up voltage. Tie to
ground when not used.
SCL, SDA,
SALRT
Yes
50kHz to 2MHz signal during communication.
Pair with SALRT and route carefully. Provide
20 mils spacing within SDA, SALRT, and SCL; and
more than 30 mils spacing to all other signals.
Refer to the SMBus design guidelines and place
proper termination resistance for impedance
matching. Tie to ground when not used.
TMONx
Yes
When diode sensing is used, VCCS is the return
path for the delta Vbe currents. Use a separate
VCCS route specifically for diode temp sense.
Place a filter capacitor no greater than 500pF
between each TMON pin and at the VCCS pin near
the IC. Tie to ground when not used.
TWARN
No
Open-drain. 3.3V maximum pull-up voltage.
VCC
Yes
Place a MLCC decoupling capacitor (at least
2.2µF) directly at the pin.
VCCS
Yes
Place a 4.7µF MLCC decoupling capacitor directly
at the pin.
PWM
No
Avoid routing near noise sensitive analog lines
such as current sense or voltage sense.
CSx
CSRTNx
Yes
Treat each of the current sense pairs as
differential signals in the PCB layout. Route the
pairs side by side on the same layer. DO not route
the pairs in close proximity to noisy signals such
as PWM or Phase.
Note: Proper current sense routing is perhaps the
most critical of all the layout tasks.
GND
Yes
This EPAD is the return of the PWM output drivers.
Use four or more vias to directly connect the EPAD
to the power ground plane.
General
Comments
The layer next to the top or bottom layer should be
a ground layer. The signal layers should be
sandwiched in the ground layers if possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com