Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 44 of 48
Jul 12, 2019
PMBUS_REVISION (98h)
Definition: Returns the revision of the PMBus Specification to which the device is compliant.
Data Length in Bytes: 1
Data Format: Bit Field
Type: Read Only
Default Value: 33h (Part 1 Revision 1.3, Part 2 Revision 1.3)
IC_DEVICE_ID (ADh)
Definition: Returns device identification information.
Paged or Global: Global
Data Length in Bytes: 4
Data Format: Bit Field
Type: Block Read
Default Value: 49D22800h
IC_DEVICE_REV (AEh)
Definition: Returns device revision information.
Paged or Global: Global
Data Length in Bytes: 4
Data Format: Bit Field
Type: Block Read
Default Value: N/A
COMMAND
PMBUS_REVISION (98h)
Format
Bit Field
Bit Position
76
54
32
10
Access
RR
RR
RR
R
R
Function
See Following Table
Default Value
0
01
10
01
1
BITS 7:4
PART 1 REVISION
BITS 3:0
PART 2 REVISION
0000
1.0
0000
1.0
0001
1.1
0001
1.1
0010
1.200101.2
0011
1.3
0011
1.3
COMMAND
IC_DEVICE_ID (ADh)
Format
Block Read
Byte Position
32
10
Function
MFR Code
ID High Byte
ID Low Byte
Reserved
Default Value
49h
D2h
28h
00h
COMMAND
IC_DEVICE_REV (AEh)
Format
Block Read
Bit Position
23:16
15:8
7:4
3:0
Function
Firmware Revision
Factory Configuration
Chip Foundry Site
IC Revision
Default Value
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com