Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 40Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 41Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 42Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 43Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 44Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 45Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 46Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 47Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 48Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 47 of 48
Jul 12, 2019
Package Outline Drawing
L48.6x6B
48 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 9/09
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
SIDE VIEW
TOP VIEW
BOTTOM VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
6.00
A
B
PIN 1
INDEX AREA
(4X)
0.15
6
4.4
37
44X 0.40
4X
PIN #1 INDEX AREA
48
6
4 .40 ± 0.15
1
AB
48X 0.45 ± 0.10
24
13
48X 0.20
4
0.10
C
M
36
25
12
MAX 1.00
SEATING PLANE
BASE PLANE
5
C
0 . 2 REF
0 . 00 MIN.
0 . 05 MAX.
0.10 C
0.08 C
C
SEE DETAIL "X"
( 5. 75 TYP )
( 4. 40 )
( 48X 0 . 20 )
( 48X 0 . 65 )
( 44 X 0 . 40 )
0.05 M C
For the most recent package outline drawing, see L48.6x6B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com