Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 8 of 48
Jul 12, 2019
Typical Application: 5+2 Configuration with DCR Sensing
FIGURE 4. TYPICAL APPLICATION: 5+2 CONFIGURATION WITH DCR SENSING
VCC
VCCS
TMON0
RGND0
VSEN 0
SALRT
SDA
SCL
4.7µF
PWM0
CSRTN0
CS0
PWM6
CSRTN6
CS6
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
PWM4
CSRTN4
CS4
PWM5
CSRTN5
CS5
TMON1
RGND1
VSEN 1
ISL68127
PG0
EN0
PG1
EN1
1k
1k
VINSEN
0.01µF
10k
40.2k
TWARN
CONFIG
SA
12V
3.3V
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22uF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
PWM
EN
THDN
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1 µF
2x 22µF
12 V
5V
ISL99140
GND
VOUT1
COUT
VOUT0
COUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com