| Electronic Components Datasheet Search |
|
ISL68127IRAZ Datasheet(PDF) 18 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL68127IRAZ Datasheet(HTML) 18 Page - Renesas Technology Corp |
|
18 / 48 page ![]() ISL68127 FN8748 Rev.2.00 Page 18 of 48 Jul 12, 2019 If configured for indefinite current limit, the converter acts as a current source and VOUT does not remain at its regulation point. Note that in this case, VOUT OV or UV protection action may occur, which can shut the regulator down. Figure 22 shows an example OCP_Fast waveform and Figure 23 shows an example OCP_Slow waveform. Smart Power Stage OC Fault Detect Renesas Smart Power Stage (SPS) devices output a large signal on their IMON lines if peak current exceeds their preprogrammed threshold (for more information about this functionality, refer to the relevant SPS datasheet). The ISL68127 is equipped to detect this fault flag and immediately shut down. This detector is enabled on the PowerNavigator Overcurrent Fault setup screen. This feature detects signals that exceed the current sense ADC full scale range. If this detector is disabled while using a Renesas SPS, the SPS Fault# signal must be connected to the controller Enable pin of the associated rail, ensuring that SPS OC events are detected and the converter shuts down. Thermal Monitoring and Protection The TWARN pin indicates the voltage regulator temperature status. The TWARN pin is an open-drain output and an external pull-up resistor is required. This signal is valid only after the controller is enabled. The TWARN signal can inform the system that the voltage regulator temperature is too high and the load should reduce its power consumption. TWARN only indicates a thermal warning, not a fault. Figure 24 shows the thermal monitoring function block diagram. FIGURE 20. POSITIVE PEAK PHASE CURRENT LIMITING FIGURE 21. NEGATIVE PEAK PHASE CURRENT LIMITING FIGURE 22. OCP_FAST TWARN PGOOD PWM POSITIVE_CURRENT_LIMITING_PER_PHASE TWARN PGOOD PWM NEGATIVE_CURRENT_LIMITING_PER_PHASE PLACEHOLDER PGOOD PWM OCP_FAST_THRESHOLD FILTER TIME CONSTANT OCP_SLOW_THRESHOLD OCP_FAST COUNTER FIGURE 23. OCP_SLOW FIGURE 24. BLOCK DIAGRAM OF THERMAL MONITORING FUNCTION PLACEHOLDER PGOOD PWM OCP_FAST_THRESHOLD OCP_SLOW_THRESHOLD OCP_SLOW COUNTER FILTER TIME CONSTANT TWARN VCCS TELEMETRY CONTROL TMAX TEMP SENSORS TEMP MONITOR ADC ISL68127 TMONx DELTA VBE |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |