Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 11Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 12 of 48
Jul 12, 2019
Functional Description
Overview
The ISL68127 is a digital dual output 7-phase PWM controller that
can be programmed for a single output 7+0, dual output 6+1,
5+2, or 4+3 phase operation. Operation using fewer than
seven phases between two outputs is also supported. Existing
digital multiphase solutions use nonlinear analog comparator
based schemes to bolster the inadequate transient response
common to many digital multiphase solutions. The ISL68127 uses
a linear voltage regulation scheme to address transient loads. As a
result, it is much easier for users to configure and validate designs
compared to nonlinear schemes. By combining a proprietary low
noise and zero latency digital current sense scheme with cutting
edge digital design techniques, Renesas can meet transient
demands without resorting to nonlinear schemes. In addition, the
ISL68127 can store up to eight user configurations in NVM and
allows you to select the desired configuration through pin-strap
(CONFIG). The result is a system that is easy to configure and
deploy.
The ISL68127 includes performance enhancing features such
diode braking, automatic phase dropping, DCR/resistor/smart
power stage current sense support, load line regulation, and
multiple temperature sensing options.
To facilitate configuration development, the PowerNavigator GUI
provides a step-by-step arrangement for setup and parametric
adjustment. After setting a configuration, you can use
PowerNavigator to monitor telemetry or use the PMBus interface
based on the supported command set.
PWM Modulation Scheme
The ISL68127 uses the Renesas proprietary linear synthetic
current modulation scheme to improve transient performance.
This unique, constant frequency, dual-edge PWM modulation
scheme moves both the PWM leading and trailing edges
independently to give the best response to transient loads.
Current balance is an inherent part of the regulation scheme. The
modulation scheme is capable of overlapping pulses if the load
profile requires it. The modulator can also add or remove pulses
from a given cycle in response to regulation demands while still
managing maximum average frequency to safe levels. The
operating frequency is constant for DC load conditions.
PMBus Address Selection
When communicating with multiple PMBus devices on a single
bus, each device must have its own unique address so the host
can distinguish between the devices. Set the device address
using a 1% resistor on the SA pin according to the pin-strap
options listed in Table 2.
Phase Configuration
The ISL68127 supports up to two regulated outputs through
seven configurable phases. Either output is capable of controlling
up to seven phases in any arbitrary mix. Phase assignments are
accomplished using PowerNavigator.
Although the device supports arbitrary phase assignment, it is
good practice to assign phases to Output 1 in descending
sequential numerical order starting from Phase 6. For example, a
4-phase rail should consist of Phases 6, 5, 4, and 3. For Output 0,
assign phases starting from Phase 0 in ascending sequential
numerical order.
Typical Performance Curves
FIGURE 6. NOMINAL SUPPLY CURRENT vs TEMPERATURE
FIGURE 7. SHUTDOWN SUPPLY CURRENT vs TEMPERATURE
0.050
0.055
0.060
0.065
0.070
0.075
0.080
0.085
0.090
0.095
0.100
-40
-20
0
20406080
100
AMBIENT TEMPERATURE (oC)
0
0.01
0.02
0.03
0.04
0.05
-40
-20
0
2040
6080
100
AMBIENT TEMPERATURE (oC)
TABLE 2. RESISTOR VALUES TO ADDRESS MAPPING
R SA (Ω)
PMBus
ADDRESS
R SA (Ω)
PMBus
ADDRESS
0
60h
1500
50h
180
61h
1800
51h
330
64h
2200
54h
470
65h
2700
55h
680
40h
3300
58h
820
41h
3900
59h
1000
44h
4700
5Ch
1200
45h
5600
5Dh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com