Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL68127IRAZ Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL68127IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68127IRAZ Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL68127IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 20Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 21Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 22Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 23Page - Renesas Technology Corp ISL68127IRAZ Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ISL68127
FN8748 Rev.2.00
Page 20 of 48
Jul 12, 2019
PMBus Operation
The ISL68127 PMBus slave address is pin selectable using the
SA pin and resistor value described in Table 2 on page 12. For
proper operation, follow the PMBus protocol in “PMBus Protocol”
on page 21. The supported PMBus addresses are in 8-bit format ,
including the write and read bit (see Table 5). The least
significant bit of the 8-bit address is for write (0h) and read (1h).
PMBus commands are in the range from 0x00h to 0xFFh. Page 0
corresponds to Output 0 and Page 1 corresponds to Output 1. For
reference purposes, the 7-bit format addresses are also
summarized in Table 5.
The PMBus data formats follow PMBus specification V1.3 and
SMBus V2.0.
The basic PMBus telemetry commands are summarized in
“PMBus Command Summary” on page 22.
TABLE 5. PMBus 8-BIT AND 7-BIT FORMAT ADDRESS (HEX)
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
8-BIT
7-BIT
80/81
40
A0/A1
50
B0/B1
58
C0/C1
60
82/83
41
A2/A3
51
B2/B3
59
C2/C3
61
88/89
44
A8/A9
54
B8/B9
5C
C8/C9
64
8A/8B
45
AA/AB
55
BA/BB
5D
CA/CB
65
FIGURE 27. SIMPLIFIED PMBus INITIALIZATION TIMING DIAGRAM
1.2V
VCC
ENABLE
~30ms
VCCS
INDEFINITELY
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
PMBus
COMMAND
VOUT
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)
USE PREVIOUS PROGRAMMED
CONFIGURATION FOR STARTUP AND OPERATION
VCCS
3.3V
POR
PLL
LOCKED
Fac
LOAD
Config
Tel ADC
Initialized
Startup
Diagnostics
DONE
DONE
Customer
Config
LOAD
PROGRAM CONFIGURATION
(BT, TMAX, PS, DE, etc.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com