Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 19 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 15Page - STMicroelectronics M58LW064B Datasheet HTML 16Page - STMicroelectronics M58LW064B Datasheet HTML 17Page - STMicroelectronics M58LW064B Datasheet HTML 18Page - STMicroelectronics M58LW064B Datasheet HTML 19Page - STMicroelectronics M58LW064B Datasheet HTML 20Page - STMicroelectronics M58LW064B Datasheet HTML 21Page - STMicroelectronics M58LW064B Datasheet HTML 22Page - STMicroelectronics M58LW064B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19/53
M58LW064A, M58LW064B
Table 12. Instructions
Mne-
monic
Instruction
Cycles
1st Cycle
2nd Cycle
Comments
Op.
Address
Data
Op.
Address
Data
RD
Read Array
1+
Write
X
FFh
Read Array until a new
write cycle is initiated
RSIG
Read
Manufacturer
Code
≥ 2
Write
X
90h
Read
000000h
20h
Read Manufacturer Code
RSIG
Read Device
Code or Block
Protection
Status
≥ 2
Write
X
90h
Read
IAh
IDh
Read Device ID Code
RSR
Read Status
Register
2
Write
X
70h
Read
X
SRDh
SRD = Status Register
Data
RCFI Read Query
≥ 2
Write
X
98h
Read
QAh
QDh
QA = Query Address
QD = Query Data
CLRS
Clear Status
Register
1
Write
X
50h
EE
Block
Erase
2
Write
X
20h
Write
BAh
D0h
BA = Block Address to
erase
WBPR
Write
to Buffer and
Program
≥ 2
Write
BAh
E8h
Write
BAh
N
BA = Block Address
N = Word/Double-Word
Count Argument
PES
Erase/
Program
Suspend
1
Write
X
B0h
PER
Erase/
Program
Resume
1
Write
X
D0h
Confirm command for
Write to Buffer and
Program instruction
SBCR
Set Burst
Configuration
Register
2
Write
BCRh
60h
Write
BCRh
03h
BCR = Burst Configuration
Register
BP
Block Protect
2
Write
BAh
60h
Write
BAh
01h
Keep the Block Protect bit
active of the selected
block
BA = Block Address
BU
Block
Unprotect
2
Write
X
60h
Write
X
D0h
Clear all the Block protect
bits simultaneously
dis-activated by Chip Enable E High and then re-
activated by Chip Enable E and Output Enable G
Low, during an Erase or Program operation. The
content of Status Register may also be read at the
completion of an Erase/Program and/or Suspend
operation.During a Block Erase, Write to Buffer
and Program, Block Protect or Block Unprotect In-
struction, DQ7 indicates the P/E.C. status. It is val-
id until the operation is completed or suspended,
DQ0-DQ7 output the Status Register content and
DQ8-DQ31 are Low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com