Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 6 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 2Page - STMicroelectronics M58LW064B Datasheet HTML 3Page - STMicroelectronics M58LW064B Datasheet HTML 4Page - STMicroelectronics M58LW064B Datasheet HTML 5Page - STMicroelectronics M58LW064B Datasheet HTML 6Page - STMicroelectronics M58LW064B Datasheet HTML 7Page - STMicroelectronics M58LW064B Datasheet HTML 8Page - STMicroelectronics M58LW064B Datasheet HTML 9Page - STMicroelectronics M58LW064B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
M58LW064A, M58LW064B
6/53
Table 2. Absolute Maximum Ratings (1)
Note: 1. Except for the rating ”Operating Temperature Range”, stresses above those listed in the Table ”Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Cumulative time at a high voltage level of 10V should not exceed 80 hours on RP pin.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
Grade 1
0 to 70
°C
Grade 6
–40 to 85
TBIAS
Temperature Under Bias
–40 to 125
°C
TSTG
Storage Temperature
–55 to 150
°C
VIO
Input or Output Voltage
–0.6 to VDDQ +0.6
V
VDD,VDDQ
Supply Voltage
–0.6 to 5.0
V
VHH
RP Hardware Block Unlock Voltage
–0.6 to 10 (2)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com