Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 40Page - STMicroelectronics M58LW064B Datasheet HTML 41Page - STMicroelectronics M58LW064B Datasheet HTML 42Page - STMicroelectronics M58LW064B Datasheet HTML 43Page - STMicroelectronics M58LW064B Datasheet HTML 44Page - STMicroelectronics M58LW064B Datasheet HTML 45Page - STMicroelectronics M58LW064B Datasheet HTML 46Page - STMicroelectronics M58LW064B Datasheet HTML 47Page - STMicroelectronics M58LW064B Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
M58LW064A, M58LW064B
44/53
Figure 23. Erase Suspend & Resume Flowchart and Pseudo Code
Write 70h
Command
AI00615
Read Status
Register
YES
NO
b7=1
YES
NO
b6=1
Program Continues
Write FFh
Command
PES instruction:
– write B0h command
(memory enters read register
state after the PES instruction)
do:
– read status register
(E or G must be toggled)
while b7 = 1
If b6 = 0, Erase completed
(at this point the memory wich
accept only the RD or PER instruction)
RD instruction:
– write FFh command
– one o more data reads
from another block
Write D0h
Command
Read data from
another block
or Program
Start
Write B0h
Command
Erase Complete
Write FFh
Command
Read Data
PG instruction:
– write 40h command
– write Address & Data
PER instruction:
– write D0h command
to resume erasure
– if the program operation completed
then this is not necessary. The device
returns to Read Array as normal
(as if the Program/Erase suspend
was not issued).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com