Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 22 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 18Page - STMicroelectronics M58LW064B Datasheet HTML 19Page - STMicroelectronics M58LW064B Datasheet HTML 20Page - STMicroelectronics M58LW064B Datasheet HTML 21Page - STMicroelectronics M58LW064B Datasheet HTML 22Page - STMicroelectronics M58LW064B Datasheet HTML 23Page - STMicroelectronics M58LW064B Datasheet HTML 24Page - STMicroelectronics M58LW064B Datasheet HTML 25Page - STMicroelectronics M58LW064B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
M58LW064A, M58LW064B
22/53
Block Unprotect Instruction (BU). The
Block
Unprotect Instruction BU uses a two-cycle write
sequence. All the Block Protect bits are simulta-
neously erased. The Block Protect bit register is
erased by giving the command 60h and then the
Confirm command D0h, at any address location.
The sequence is aborted if the Confirm command
is not given and the device will output the Status
Register Data with DQ4 and DQ5 set to ’1’.
Block Erase Instruction (EE). The Block Erase
Instruction EE uses a two-cycle command se-
quence. The Erase Setup command 20h is written
to any address location. Then a second write cycle
is given with the block address to be erased and
the Confirm command D0h. The sequence is
aborted if the Confirm command is not given and
the device will output the Status Register Data with
DQ4 and DQ5 set to ’1’.
During the execution of the erase cycle by the P/
E.C., the memory accepts only the Erase/Program
Suspend instructions. Read operations output the
Status Register bits. A complete state of the erase
operation is given by the Status Register bits.
Erase/Program Suspend Instruction (PES).
The Block Erase or Write to Buffer and Program
operations may be suspended by writing the com-
mand B0h at any address. The Erase/Program
Suspend Instruction interrupts the P/E.C. Erase or
Program sequence at a predetermined point in the
algorithm. After the Suspend command is written
the device outputs the Status Register data.
It is possible to read or program data in a block
other than the one in which the Erase Suspend op-
eration is effective. It is only possible to read in a
block other than the one in which a Program Sus-
pend operation is effective. The suspended Erase/
Program operation has to be resumed in order to
complete the previous erase/program sequence.
The Erase Suspend instruction is accepted only
during a Block Erase operation execution. Pro-
gram Suspend also is valid only during the Write to
Buffer and Program instruction execution. Block
Erase or Erase/Program Suspend instructions are
ignored if the memory is already in the Suspend
mode.
The Suspend Instruction may be presented at any
time during the execution of a Block Erase. For a
Write to Buffer and Program instruction the Sus-
pend Instruction is accepted only when the P/E.C.
is running.
The device outputs information about the suspend
in the Status Register information on DQ7, DQ6
and DQ2. If the operation has been completed
DQ7 = ’1’ and DQ6 = ’0’ (Erase Suspend) or
DQ2 = ’0’ (Program Suspend).
If the Suspend instruction occurred after the P/
E.C. has completed its operation (DQ7 = 1,
DQ6 = 0 and DQ2 = 0), the Status Register infor-
mation remains available by toggling Output En-
able G. No command is accepted by the device
with the exception of a Read Memory Array In-
struction FFh. After the FFh Command is issued,
the device is ready for Read Array (in the mode
defined by the last Set Configuration Register is-
sued).
When a program operation is completed inside a
Block Erase Suspend Instruction, Read Array In-
struction FFh will reset the device to Read Array.
The Erase Resume Instruction has to be issued to
complete the whole sequence.
When erase is suspended, the memory will re-
spond only to the Read Array, Read Electronic
Signature, Read Query, Read Status Register,
Clear Status Register, Erase/Program Resume
and the Write to Buffer and Program instructions.
When a Write to Buffer and Program instruction is
suspended, the memory will respond only to the
Read Array, Read Electronic Signature, Read
Query, Read Status Register, Clear Status Regis-
ter and Erase/Program Resume instructions.
Erase/Program Resume Instruction (PER). If
an Erase Suspend instruction was previously exe-
cuted, the erase operation may be resumed by
giving the command D0h, at any address. This
also serves as the Confirm command for the Write
to Buffer and Program (WPBR) Instruction which
is issued after the write buffer loading sequence is
completed, and which starts the P/E.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com