Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 28 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 24Page - STMicroelectronics M58LW064B Datasheet HTML 25Page - STMicroelectronics M58LW064B Datasheet HTML 26Page - STMicroelectronics M58LW064B Datasheet HTML 27Page - STMicroelectronics M58LW064B Datasheet HTML 28Page - STMicroelectronics M58LW064B Datasheet HTML 29Page - STMicroelectronics M58LW064B Datasheet HTML 30Page - STMicroelectronics M58LW064B Datasheet HTML 31Page - STMicroelectronics M58LW064B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
M58LW064A, M58LW064B
28/53
Table 22. DC Characteristics
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V)
Note: 1. Sampled only, not 100% tested.
2. Biasing RP pin to VHH is allowed for a maximum cumulative period of 80 hours.
3. Current increases to ICC +ICC5 during a read operation.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VDDQ
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤VDDQ
±5
µA
ICC
Supply Current (Random Read)
E=VIL,G = VIH,fadd = 6MHz
30
mA
ICCB
Supply Current (Burst Read)
E= VIL,G= VIH,fclock = 50MHz
50
mA
ICC1
Supply Current (Standby)
E= VDD ± 0.2V,
RP = VDD ± 0.2V
40
mA
Supply Current (Auto Low-Power)
2
mA
ICC2
Supply Current (Reset/Power-down)
RP = VSS ± 0.2V
1
µA
ICC3
(1)
Supply Current (Program or Erase,
Set Lock Bit, Erase Lock Bit)
Write to Buffer and program
Block Erase in progress
30
mA
ICC4
Supply Current
(Erase/Program Suspend)
E= VIH
40
µA
VIL
Input Low Voltage
–0.5
0.4
V
VIH
Input High Voltage
VDDQ –0.4
VDDQ + 0.3
V
VOL
Output Low Voltage
IOL = 100µA
0.1
V
VOH
Output High Voltage CMOS
IOH = –100µAVDDQ –0.1
V
VHH
(2)
RP Hardware Block Unlock Voltage
Block Erase in progress,
Write to Buffer and Program
8.5
9.5
V
VLKO
VDD Supply Voltage (Erase and
Program lockout)
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com