Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 44Page - STMicroelectronics M58LW064B Datasheet HTML 45Page - STMicroelectronics M58LW064B Datasheet HTML 46Page - STMicroelectronics M58LW064B Datasheet HTML 47Page - STMicroelectronics M58LW064B Datasheet HTML 48Page - STMicroelectronics M58LW064B Datasheet HTML 49Page - STMicroelectronics M58LW064B Datasheet HTML 50Page - STMicroelectronics M58LW064B Datasheet HTML 51Page - STMicroelectronics M58LW064B Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
M58LW064A, M58LW064B
48/53
Table 29. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Configuration, Package, etc...) or for further information on any aspect of
this device, please contact the STMicroelectronics Sales Office nearest to you.
Example:
M58LW064A
150 N
1
T
Device Type
M58
Architecture
L = Multi-Bit Cell, Burst Mode, Page Mode
Operating Voltage
W= VDD = 2.7V to 3.6V; VDDQ = 1.8 to VDD
Device Function
064A = 64 Mbit (x16), Equal Block, Boot Block
064B = 64 Mbit (x16/x32), Equal Block, Boot Block
Speed
150 = 150 ns
Package
NF = TSOP56: 14 x 20 mm
NH = TSOP86 Type II
T = PQFP80
ZA = LBGA64
Temperature Range
1= 0to 70
°C
6= –40 to 85
°C
Optio n
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com