Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 29 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 25Page - STMicroelectronics M58LW064B Datasheet HTML 26Page - STMicroelectronics M58LW064B Datasheet HTML 27Page - STMicroelectronics M58LW064B Datasheet HTML 28Page - STMicroelectronics M58LW064B Datasheet HTML 29Page - STMicroelectronics M58LW064B Datasheet HTML 30Page - STMicroelectronics M58LW064B Datasheet HTML 31Page - STMicroelectronics M58LW064B Datasheet HTML 32Page - STMicroelectronics M58LW064B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29/53
M58LW064A, M58LW064B
Table 23. Asynchronous Random Read
(TA = 0 to 70°C, –40 to 85°C, VDD = 2.7V to 3.6V, VDDQ = 1.8V to VDD)
Note: 1. Output Enable G may be delayed up to tELQV -tGLQV after the falling edge of Chip Enable E without increasing tELQV.
Symbol
Parameter
Test Condi tion
Min
Max
Unit
tAVAV
Address Valid to Address Valid
E=VIL,G = VIL
150
ns
tAVQV
Addrss Valid to Output Valid
E=VIL,G = VIL
150
ns
tAXQX
Address Transition to Output Transition
E=VIL,G = VIL
0ns
tEHLX
Chip Enable High to Latch Enable Transition
0
ns
tEHQX
Chip Enable High to Output Transition
G = VIL
0ns
tEHQZ
Chip Enable High to Output Hi-Z
G= VIL
10
ns
tELQV
(1)
Chip Enable Low to Output Valid
G= VIL
150
ns
tELQX
Chip Enable Low to Output Transition
G= VIL
0ns
tGHQX
Output Enable High to Output Transition
E= VIL
0ns
tGHQZ
Output Enable High to Output Hi-Z
E= VIL
10
ns
tGLQV
Output Enable Low to Output Valid
E = VIL
50
ns
tGLQX
Output Enable to Output Transition
E= VIL
0ns
tLLEL
Latch Enable Low to Chip Enable Low
10
ns
Figure 9. Asynchronous Random Read AC Waveforms
Asynchronous Read (M15 = 1), Random (M3 = 0)
AI03250
E
G
L
A1-A22
(1)
DQ0-DQx
(2)
VALID
tLLEL
tAXQX
tELQV
tELQX
tAVQV
tGLQX
tGLQV
tEHQZ
tEHQX
tEHLX
tGHQX
tGHQZ
See also Page Read
(1)
A1 is not used (Don’t Care) in x32 organization
(2)
DQ0-DQ15 in x16 or DQ0-DQ31 in x32 organization
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com