Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 45Page - STMicroelectronics M58LW064B Datasheet HTML 46Page - STMicroelectronics M58LW064B Datasheet HTML 47Page - STMicroelectronics M58LW064B Datasheet HTML 48Page - STMicroelectronics M58LW064B Datasheet HTML 49Page - STMicroelectronics M58LW064B Datasheet HTML 50Page - STMicroelectronics M58LW064B Datasheet HTML 51Page - STMicroelectronics M58LW064B Datasheet HTML 52Page - STMicroelectronics M58LW064B Datasheet HTML 53Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
M58LW064A, M58LW064B
52/53
Figure 30. LBGA54 - 6 x 8 balls, 1 mm pitch, Package Outline
Drawing is not to scale.
D1
D
E1
E
eb
SE
SD
A2
A1
A
BGA-Z11
ddd
FE
FD
BALL ”A1”
Table 33. LBGA54 - 6 x 8 balls, 1 mm pitch, Package Mechanical Data
Symbol
mm
inch
Typ
Min
Max
Typ
Min
Max
A
1.090
0.980
1.200
0.0429
0.0386
0.0472
A1
0.290
0.220
0.360
0.0114
0.0087
0.0142
A2
0.800
0.760
0.840
0.0315
0.0299
0.0331
b
0.430
0.300
0.560
0.0169
0.0118
0.0220
D
10.000
9.800
10.200
0.3937
0.3858
0.4016
D1
7.000
–
–
0.2756
–
–
ddd
0.150
0.0059
e
1.000
0.925
1.075
0.0394
0.0364
0.0423
E
13.000
12.800
13.200
0.5118
0.5039
0.5197
E1
7.000
–
–
0.2756
–
–
FD
3.000
–
–
0.1181
–
–
FE
1.500
–
–
0.0591
–
–
SD
0.500
–
–
0.0197
–
–
SE
0.500
–
–
0.0197
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com