| Electronic Components Datasheet Search |
|
M58LW064B Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M58LW064B Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 53 page ![]() M58LW064A, M58LW064B 20/53 Table 13. Status Register Definition Note: 1. DQ0-DQ6 are High Impedance when DQ7 is indicating that the part is busy. Status Register P/ECS bit7 indicates the P/E. C. status, check during Program or Erase, and on completion before checking bit4 or bit5 for Program or Erase Success. 2. DQ6 indicates the Erase Suspend Status. On an Erase Suspend instruction P/ECS and ESS bits are set to ’1’. ESS bit remains ’1’ until an Erase Resume instruction is given. 3. Erase Status, ES bit5 is set to ’1’ if the P/E. C. has applied the maximum number of erase pulses to the block without achieving an erase verify. 4. Program Status, PS bit4 is set to ’1’ if the P/E.C . has failed to program a Word or Double-Word. 5. DQ2 indicates the Program Suspend Status. On a Program Suspend instruction P/ECS and PSS bits are set to ’1’. PSS bit remains ’1’ until an Program Resume instruction is given. 6. DQ1 defines the status of an Erase or Write to Buffer and Program instruction defined in a protected block. RP pin must be held at VHH to temporarily override the block protect feature once it has been enabled. 7. DQ5 and DQ4 simultaneously at ’1’ after an Erase or Block Unprotect instruction indicates that an improper command was entered. Mnemonic DQ Fun ction Status P/ECS DQ7 P/E.C. Status 1 = Ready 0 = Busy (1) ESS DQ6 Erase Suspend Status 1 = Block Erase Suspended 0 = Block Erase in Progress/Completed (2) ES DQ5 Erase/Block Unprotect Status (7) 1 = Error in Block Erase operation or Block Unprotect 0 = Successful Block Erase operation or Block Unprotect (3) PS DQ4 Write to Buffer and Program/Block Protect Status (7) 1 = Error in Write to Buffer and Program, Block Protect (4) 0 = Write to Buffer and Program, Block Protect Completed successfully DQ3 Not used PSS DQ2 Program Suspend Status 1 = Program Suspended 0 = Program operation in Progress/Completed (5) EPPB DQ1 Erase/Write to Buffer and Program in a Protected Block 1 = Error in the defined operation 0 = Operation in Progress/Completed (6) DQ0 Not used |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |