Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW064B Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58LW064B
Description  64 Mbit x16 and x16/x32, Block Erase Low Voltage Flash Memories
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064B Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58LW064B Datasheet HTML 42Page - STMicroelectronics M58LW064B Datasheet HTML 43Page - STMicroelectronics M58LW064B Datasheet HTML 44Page - STMicroelectronics M58LW064B Datasheet HTML 45Page - STMicroelectronics M58LW064B Datasheet HTML 46Page - STMicroelectronics M58LW064B Datasheet HTML 47Page - STMicroelectronics M58LW064B Datasheet HTML 48Page - STMicroelectronics M58LW064B Datasheet HTML 49Page - STMicroelectronics M58LW064B Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
M58LW064A, M58LW064B
46/53
Figure 25. Command Interface and Program Erase Controller Flowchart (b)
Note: 2. P/E.C. status (Ready or Busy) is read on Status Register bit 7.
READ
STATUS
YES
NO
70h
B
ERASE
YES
READY
(2)
NO
A
B0h
NO
READ
STATUS
YES
READY
(2)
NO
ERASE
SUSPEND
YES
D0h
READ
ARRAY
YES
ERASE
SUSPENDED
READ
STATUS
(READ STATUS)
YES
NO
(ERASE RESUME)
NO
READ
STATUS
90h
NO
READ
SIGNATURE
YES
98h
NO
CFI
QUERY
YES
E8h
NO
PROGRAM
BUFFER
LOAD
YES
c
AI03618



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com