Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 207 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 207 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 211Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW STARTED
Write '1' to Disable interrupt for STARTED event
See EVENTS_STARTED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
B
RW STOPPED
Write '1' to Disable interrupt for STOPPED event
See EVENTS_STOPPED
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
C
RW END
Write '1' to Disable interrupt for END event
See EVENTS_END
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.10.7.4 ENABLE
Address offset: 0x500
PDM module enable register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ENABLE
Enable or disable PDM module
Disabled
0
Disable
Enabled
1
Enable
6.10.7.5 PDMCLKCTRL
Address offset: 0x504
PDM clock generator control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x08400000
0 0 0 0 1 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW FREQ
PDM_CLK frequency
1000K
0x08000000
PDM_CLK = 32 MHz / 32 = 1.000 MHz
Default
0x08400000
PDM_CLK = 32 MHz / 31 = 1.032 MHz
1067K
0x08800000
PDM_CLK = 32 MHz / 30 = 1.067 MHz
6.10.7.6 MODE
Address offset: 0x508
Defines the routing of the connected PDM microphones' signals
4430_161 v1.0
207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com