Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 209 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 209 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 207Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 208Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 209Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 210Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 211Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 212Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 213Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A
Reset 0x00000028
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW GAINR
Right output gain adjustment, in 0.5 dB steps, around the
default module gain (see electrical parameters)
MinGain
0x00
-20dB gain adjustment (minimum)
DefaultGain
0x28
0dB gain adjustment ('2500 RMS' requirement)
MaxGain
0x50
+20dB gain adjustment (maximum)
6.10.7.9 PSEL.CLK
Address offset: 0x540
Pin number configuration for PDM CLK signal
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
B
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.10.7.10 PSEL.DIN
Address offset: 0x544
Pin number configuration for PDM DIN signal
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B
A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PIN
[0..31]
Pin number
B
RW CONNECT
Connection
Disconnected
1
Disconnect
Connected
0
Connect
6.10.7.11 SAMPLE.PTR
Address offset: 0x560
RAM address pointer to write samples to with EasyDMA
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW SAMPLEPTR
Address to write PDM samples to over DMA
6.10.7.12 SAMPLE.MAXCNT
Address offset: 0x564
4430_161 v1.0
209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com