| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 252 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 252 Page - Nordic Semiconductor |
|
252 / 483 page ![]() Peripherals Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW TEP Pointer to task register 6.12 PWM — Pulse width modulation The PWM module enables the generation of pulse width modulated signals on GPIO. The module implements an up or up-and-down counter with four PWM channels that drive assigned GPIOs. Three PWM modules can provide up to 12 PWM channels with individual frequency control in groups of up to four channels. Furthermore, a built-in decoder and EasyDMA capabilities make it possible to manipulate the PWM duty cycles without CPU intervention. Arbitrary duty-cycle sequences are read from Data RAM and can be chained to implement ping-pong buffering or repeated into complex loops. Listed here are the main features of one PWM module: • Fixed PWM base frequency with programmable clock divider • Up to four PWM channels with individual polarity and duty-cycle values • Edge or center-aligned pulses across PWM channels • Multiple duty-cycle arrays (sequences) defined in Data RAM • Autonomous and glitch-free update of duty cycle values directly from memory through EasyDMA • Change of polarity, duty-cycle, and base frequency possibly on every PWM period • Data RAM sequences can be repeated or connected into loops Decoder Sequence 0 Sequence 1 Wave Counter DATA RAM COMP0 COMP1 COMP2 COMP3 SEQSTARTED[0] SEQSTARTED[1] SEQEND[0] SEQEND[1] SEQ[n].REFRESH NEXTSTEP PSEL.OUT[0] PSEL.OUT[1] PSEL.OUT[2] PSEL.OUT[3] PWM Carry/Reload PRESCALER PWM_CLK START STOP SEQSTART[0] SEQSTART[1] COUNTERTOP STARTED STOPPED Figure 47: PWM module 6.12.1 Wave counter The wave counter is responsible for generating the pulses at a duty-cycle that depends on the compare values, and at a frequency that depends on COUNTERTOP. There is one common 15-bit counter with four compare channels. Thus, all four channels will share the same period (PWM frequency), but can have individual duty-cycle and polarity. The polarity is set by the value read from RAM (see Decoder memory access modes on page 257), while the MODE register controls if the counter counts up, or up and down. The timer top value is controlled by the COUNTERTOP 4430_161 v1.0 252 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |