Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 256 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 256 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 252Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 253Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 254Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 255Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 256Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 257Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 258Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 260Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 483 page
background image
Peripherals
6.12.2 Decoder with EasyDMA
The decoder uses EasyDMA to take PWM parameters stored in Data RAM by ways of EasyDMA and
updates the internal compare registers of the wave counter based on the mode of operation.
The mentioned PWM parameters are organized into a sequence containing at least one half word (16 bit).
Its most significant bit[15] denotes the polarity of the OUT[n] while bit[14:0] is the 15-bit compare value.
See below for further details of these RAM defined registers.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW COMPARE
Duty cycle setting - value loaded to internal compare
register
B
RW POLARITY
Edge polarity of GPIO.
RisingEdge
0
First edge within the PWM period is rising
FallingEdge
1
First edge within the PWM period is falling
The DECODER register controls how the RAM content is interpreted and loaded to the internal compare
registers. The LOAD field can be used to control if the RAM values are loaded to all compare channels -
or alternatively to update a group or all channels with individual values. Decoder memory access modes
on page 257 illustrates how the parameters stored in RAM are organized and routed to the various
compare channels in the different modes.
A special mode of operation is available when DECODER.LOAD is set to WaveForm. In this mode, up to
three PWM channels can be enabled - OUT[0] to OUT[2]. In RAM, four values are loaded at a time: the
first, second and third location are used to load the values, and the fourth RAM location is used to load
the COUNTERTOP register. This way one can have up to three PWM channels with a frequency base that
changes on a per PWM period basis. This mode of operation is useful for arbitrary wave form generation
in applications such as LED lighting.
The register SEQ[n].REFRESH=N (one per sequence n=0 or 1) will instruct a new RAM stored pulse width
value on every (N+1)th PWM period. Setting the register to zero will result in a new duty cycle update
every PWM period as long as the minimum PWM period is observed.
Note that registers SEQ[n].REFRESH and SEQ[n].ENDDELAY are ignored when DECODER.MODE=NextStep .
The next value is loaded upon receiving every NEXTSTEP task.
4430_161 v1.0
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com