Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 258 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 258 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 254Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 255Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 256Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 257Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 258Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 259Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 260Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 261Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 262Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 483 page
background image
Peripherals
Register
Taken into account by hardware
Recommended (safe) update
SEQ[n].PTR
When sending the SEQSTART[n] task
After having received the SEQSTARTED[n] event
SEQ[n].CNT
When sending the SEQSTART[n] task
After having received the SEQSTARTED[n] event
SEQ[0].ENDDELAY When sending the SEQSTART[0] task
Every time a new value from sequence [0] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [0] through a SEQSTART[0] task
When no more value from sequence [0] gets loaded from RAM
(indicated by the SEQEND[0] event)
At any time during sequence [1] (which starts when the
SEQSTARTED[1] event is fired)
SEQ[1].ENDDELAY When sending the SEQSTART[1] task
Every time a new value from sequence [1] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [1] through a SEQSTART[1] task
When no more value from sequence [1] gets loaded from RAM
(indicated by the SEQEND[1] event)
At any time during sequence [0] (which starts when the
SEQSTARTED[0] event is fired)
SEQ[0].REFRESH
When sending the SEQSTART[0] task
Every time a new value from sequence [0] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [0] through a SEQSTART[0] task
At any time during sequence [1] (which starts when the
SEQSTARTED[1] event is fired)
SEQ[1].REFRESH
When sending the SEQSTART[1] task
Every time a new value from sequence [1] has been loaded from
RAM and gets applied to the Wave Counter (indicated by the
PWMPERIODEND event)
Before starting sequence [1] through a SEQSTART[1] task
At any time during sequence [0] (which starts when the
SEQSTARTED[0] event is fired)
COUNTERTOP
In DECODER.LOAD=WaveForm: this register is ignored.
In all other LOAD modes: at the end of current PWM period
(indicated by the PWMPERIODEND event)
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been issued, and the STOPPED event has been
received.
MODE
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been issued, and the STOPPED event has been
received.
DECODER
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been issued, and the STOPPED event has been
received.
PRESCALER
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been issued, and the STOPPED event has been
received.
LOOP
Immediately
Before starting PWM generation through a SEQSTART[n] task
After a STOP task has been issued, and the STOPPED event has been
received.
PSEL.OUT[n]
Immediately
Before enabling the PWM instance through the ENABLE register
Table 50: When to safely update PWM registers
Important: SEQ[n].REFRESH and SEQ[n].ENDDELAY are ignored at the end of a complex sequence,
indicated by a LOOPSDONE event. The reason for this is that the last value loaded from RAM
is maintained until further action from software (restarting a new sequence, or stopping PWM
generation).
4430_161 v1.0
258



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com