| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R7 Datasheet(PDF) 287 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R7 Datasheet(HTML) 287 Page - Nordic Semiconductor |
|
287 / 483 page ![]() Peripherals • Least significant byte first for the fields ADDRESS and PAYLOAD. The ADDRESS fields are also always transmitted and received least significant bit first on-air. • Most significant byte first for the CRC field. The CRC field is also always transmitted and received most significant bit first. The bit endianness, i.e. the order in which the bits are sent and received, is configured in PCNF1.ENDIAN for the fields S0, LENGTH, S1 and PAYLOAD. The sizes of the fields S0, LENGTH and S1 can be individually configured in the S0LEN, LFLEN and S1LEN fields of the PCNF0 register respectively. If any of these fields are configured to be less than 8 bit long, the least significant bits of the fields are used, as seen from the RAM representation. If S0, LENGTH or S1 are specified with zero length, their fields will be omitted in memory. Otherwise each field will be represented as a separate byte, regardless of the number of bits in their on-air counterpart. 6.14.3 Maximum packet length Independent of the configuration of MAXLEN, the combined length of S0, LENGTH, S1 and PAYLOAD cannot exceed 258 bytes. 6.14.4 Address configuration The on-air radio ADDRESS field is composed of two parts, the base address field and the address prefix field. The size of the base address field is configurable via BALEN in PCNF1. The base address is truncated from LSByte if the BALEN is less than 4. See Definition of logical addresses on page 287. The on-air addresses are defined in the BASEn and PREFIXn registers, and it is only when writing these registers the user will have to relate to actual on-air addresses. For other radio address registers such as the TXADDRESS, RXADDRESSES and RXMATCH registers, logical radio addresses ranging from 0 to 7 are being used. The relationship between the on-air radio addresses and the logical addresses is described in Definition of logical addresses on page 287. Logical address Base address Prefix byte 0 BASE0 PREFIX0.AP0 1 BASE1 PREFIX0.AP1 2 BASE1 PREFIX0.AP2 3 BASE1 PREFIX0.AP3 4 BASE1 PREFIX1.AP4 5 BASE1 PREFIX1.AP5 6 BASE1 PREFIX1.AP6 7 BASE1 PREFIX1.AP7 Table 58: Definition of logical addresses 6.14.5 Data whitening The RADIO is able to do packet whitening and de-whitening. See WHITEEN in PCNF1 register for how to enable whitening. When enabled, whitening and de-whitening will be handled by the RADIO automatically as packets are sent and received. The whitening word is generated using polynomial g(D) = D7+ D4 + 1, which then is XORed with the data packet that is to be whitened, or de-whitened. See the figure below. 4430_161 v1.0 287 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |