Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 290 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 290 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 286Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 287Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 288Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 294Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 483 page
background image
Peripherals
Transmit sequence on page 290 illustrates a single packet transmission where the CPU manually triggers
the different tasks needed to control the flow of the RADIO, i.e. no shortcuts are used. If shortcuts are
not used, a certain amount of delay caused by CPU execution is expected between READY and START, and
between END and DISABLE. As illustrated in Transmit sequence on page 290 the RADIO will by default
transmit '1's between READY and START, and between END and DISABLED. What is transmitted can be
programmed through the DTX field in the MODECNF0 register.
TXRU
3
1
2
TXIDLE
A
S0 L S1
PAYLOAD
CRC
P
TX
TXIDLE
TXDISABLE
(carrier)
(carrier)
Figure 63: Transmit sequence
A slightly modified version of the transmit sequence from Transmit sequence on page 290 is illustrated
in Transmit sequence using shortcuts to avoid delays on page 290 where the RADIO is configured to
use shortcuts between READY and START, and between END and DISABLE, which means that no delay is
introduced.
TXRU
2
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
(carrier)
Figure 64: Transmit sequence using shortcuts to avoid delays
The RADIO is able to send multiple packets one after the other without having to disable and re-enable
the RADIO between packets, this is illustrated in Transmission of multiple packets on page 291.
4430_161 v1.0
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com