Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 293 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 293 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 289Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 294Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 295Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 296Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 297Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 483 page
background image
Peripherals
TIFS is only enforced if END_DISABLE and DISABLED_TXEN or END_DISABLE and DISABLED_RXEN shortcuts
are enabled. TIFS is only qualified for use in BLE_1MBIT mode, and default ramp-up mode. The use of
shortcuts and timing is illustrated in Ramp up and TIFS Timing Details on page 293.
TXRU
1
A
S0 L S1
PAYLOAD
CRC
P
TX
TXDISABLE
’1’
RXRU
2
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
’X’
DISABLED
TIFS
tTXEN
tRXEN
Figure 69: Ramp up and TIFS Timing Details
6.14.12 Device address match
The device address match feature is tailored for address white listing in a Bluetooth® Smart and similar
implementations.
This feature enables on-the-fly device address matching while receiving a packet on air. This feature only
works in receive mode and as long as the radio is configured for little endian, see PCNF1.ENDIAN.
The device address match unit assumes that the 48 first bits of the payload is the device address and that
bit number 6 in S0 is the TxAdd bit. See the Bluetooth® Core Specification for more information about
device addresses, TxAdd and whitelisting.
The radio is able to listen for eight different device addresses at the same time. These addresses are
specified in a DAB/DAP register pair, one pair per address, in addition to a TxAdd bit configured in the
DACNF register. The DAB register specifies the 32 least significant bits of the device address, while the DAP
register specifies the 16 most significant bits of the device address.
Each of the device addresses can be individually included or excluded from the matching mechanism. This
is configured in the DACNF register.
6.14.13 Bit counter
Radio implements a simple counter that can be configured to generate an event after a specific number of
bits have been transmitted or received.
By using shortcuts, this counter can be started from different events generated by the radio and hence
count relative to these.
The bit counter is started by triggering the BCSTART task, and stopped by triggering the BCSTOP task. A
BCMATCH event will be generated when the bit counter has counted the number of bits specified in the
BCC register. The bit counter will continue to count bits until the DISABLED event is generated or until the
BCSTOP task is triggered. The CPU can therefore, after a BCMATCH event, reconfigure the BCC value for
new BCMATCH events within the same packet.
The bit counter can only be started after the radio has received the ADDRESS event.
The bit counter will stop and reset on BCSTOP, STOP, END and DISABLE tasks.
The figure below illustrates how the bit counter can be used to generate a BCMATCH event in the
beginning of the packet payload, and again generate a second BCMATCH event after sending 2 bytes (16
bits) of the payload.
4430_161 v1.0
293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com