Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R7 Datasheet(PDF) 294 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R7
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R7 Datasheet(HTML) 294 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R7 Datasheet HTML 290Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 291Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 292Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 293Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 294Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 295Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 296Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 297Page - Nordic Semiconductor NRF52810-QFAA-R7 Datasheet HTML 298Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 483 page
background image
Peripherals
1
A
S0 L S1
PAYLOAD
CRC
P
RXRU
RX
RXDISABLE
2
Assuming that the
combined length
of S0, length (L)
and S1 is 12bits.
3
0
1
2
’X’
Figure 70: Bit counter example
6.14.14 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40001000
RADIO
RADIO
2.4 GHz radio
Table 60: Instances
Register
Offset
Description
TASKS_TXEN
0x000
Enable RADIO in TX mode
TASKS_RXEN
0x004
Enable RADIO in RX mode
TASKS_START
0x008
Start RADIO
TASKS_STOP
0x00C
Stop RADIO
TASKS_DISABLE
0x010
Disable RADIO
TASKS_RSSISTART
0x014
Start the RSSI and take one single sample of the receive signal strength.
TASKS_RSSISTOP
0x018
Stop the RSSI measurement
TASKS_BCSTART
0x01C
Start the bit counter
TASKS_BCSTOP
0x020
Stop the bit counter
EVENTS_READY
0x100
RADIO has ramped up and is ready to be started
EVENTS_ADDRESS
0x104
Address sent or received
EVENTS_PAYLOAD
0x108
Packet payload sent or received
EVENTS_END
0x10C
Packet sent or received
EVENTS_DISABLED
0x110
RADIO has been disabled
EVENTS_DEVMATCH
0x114
A device address match occurred on the last received packet
EVENTS_DEVMISS
0x118
No device address match occurred on the last received packet
EVENTS_RSSIEND
0x11C
Sampling of receive signal strength complete.
EVENTS_BCMATCH
0x128
Bit counter reached bit count value.
EVENTS_CRCOK
0x130
Packet received with CRC ok
EVENTS_CRCERROR
0x134
Packet received with CRC error
SHORTS
0x200
Shortcut register
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
CRCSTATUS
0x400
CRC status
RXMATCH
0x408
Received address
RXCRC
0x40C
CRC field of previously received packet
4430_161 v1.0
294



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com