Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 399 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 399 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 395Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 396Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 397Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 398Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 399Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
E D C B
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
B
RW SUSPEND
Signals that USB lines have been idle long enough for the
device to enter suspend. Write '1' to clear.
NotDetected
0
Suspend not detected
Detected
1
Suspend detected
C
RW RESUME
Signals that a RESUME condition (K state or activity restart)
has been detected on USB lines. Write '1' to clear.
NotDetected
0
Resume not detected
Detected
1
Resume detected
D
RW USBWUALLOWED
USB MAC has been woken up and operational. Write '1' to
clear.
NotAllowed
0
Wake up not allowed
Allowed
1
Wake up allowed
E
RW READY
USB device is ready for normal operation. Write '1' to clear.
NotDetected
0
USBEVENT was not issued due to USBD peripheral ready
Ready
1
USBD peripheral is ready
6.26.13.26 HALTED.EPIN[n] (n=0..7)
Address offset: 0x420 + (n × 0x4)
IN endpoint halted status. Can be used as is as response to a GetStatus() request to endpoint.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
GETSTATUS
IN endpoint halted status. Can be used as is as response to a
GetStatus() request to endpoint.
NotHalted
0
Endpoint is not halted
Halted
1
Endpoint is halted
6.26.13.27 HALTED.EPOUT[n] (n=0..7)
Address offset: 0x444 + (n × 0x4)
OUT endpoint halted status. Can be used as is as response to a GetStatus() request to endpoint.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
GETSTATUS
OUT endpoint halted status. Can be used as is as response
to a GetStatus() request to endpoint.
NotHalted
0
Endpoint is not halted
Halted
1
Endpoint is halted
6.26.13.28 EPSTATUS
Address offset: 0x468
Provides information on which endpoint's EasyDMA registers have been captured
4463_156 v1.0
399



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com