Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 403 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 403 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 399Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 404Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 405Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 406Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 407Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
WLENGTHH
SETUP data, byte 7, MSB of wLength
6.26.13.39 SIZE.EPOUT[n] (n=0..7)
Address offset: 0x4A0 + (n × 0x4)
Number of bytes received last in the data stage of this OUT endpoint
Write to any value to accept further OUT traffic on this endpoint, and overwrite the intermediate buffer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SIZE
Number of bytes received last in the data stage of this OUT
endpoint
6.26.13.40 SIZE.ISOOUT
Address offset: 0x4C0
Number of bytes received last on this ISO OUT data endpoint
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B
A A A A A A A A A A
Reset 0x00010000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
SIZE
Number of bytes received last on this ISO OUT data
endpoint
B
R
ZERO
Zero-length data packet received
Normal
0
No zero-length data received, use value in SIZE
ZeroData
1
Zero-length data received, ignore value in SIZE
6.26.13.41 ENABLE
Address offset: 0x500
Enable USB
After writing Disabled to this register, reading the register will return Enabled until USBD is completely
disabled.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW ENABLE
Enable USB
Disabled
0
USB peripheral is disabled
Enabled
1
USB peripheral is enabled
4463_156 v1.0
403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com