Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 401 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 401 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 397Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 398Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 399Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 404Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 405Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 401 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C B B A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
RECIPIENT
Data transfer type
Device
0
Device
Interface
1
Interface
Endpoint
2
Endpoint
Other
3
Other
B
R
TYPE
Data transfer type
Standard
0
Standard
Class
1
Class
Vendor
2
Vendor
C
R
DIRECTION
Data transfer direction
HostToDevice
0
Host-to-device
DeviceToHost
1
Device-to-host
6.26.13.32 BREQUEST
Address offset: 0x484
SETUP data, byte 1, bRequest
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
BREQUEST
SETUP data, byte 1, bRequest. Values provided for standard
requests only, user must implement class and vendor
values.
STD_GET_STATUS
0
Standard request GET_STATUS
STD_CLEAR_FEATURE
1
Standard request CLEAR_FEATURE
STD_SET_FEATURE
3
Standard request SET_FEATURE
STD_SET_ADDRESS
5
Standard request SET_ADDRESS
STD_GET_DESCRIPTOR 6
Standard request GET_DESCRIPTOR
STD_SET_DESCRIPTOR 7
Standard request SET_DESCRIPTOR
STD_GET_CONFIGURATION
8
Standard request GET_CONFIGURATION
STD_SET_CONFIGURATION9
Standard request SET_CONFIGURATION
STD_GET_INTERFACE
10
Standard request GET_INTERFACE
STD_SET_INTERFACE
11
Standard request SET_INTERFACE
STD_SYNCH_FRAME
12
Standard request SYNCH_FRAME
6.26.13.33 WVALUEL
Address offset: 0x488
SETUP data, byte 2, LSB of wValue
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
WVALUEL
SETUP data, byte 2, LSB of wValue
4463_156 v1.0
401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com