Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 400 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 400 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 396Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 397Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 398Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 399Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 404Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
R Q P O N M L K J
I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A-I
RW EPIN[i] (i=0..8)
Captured state of endpoint's EasyDMA registers. Write '1' to
clear.
NoData
0
EasyDMA registers have not been captured for this endpoint
DataDone
1
EasyDMA registers have been captured for this endpoint
J-R
RW EPOUT[i] (i=0..8)
Captured state of endpoint's EasyDMA registers. Write '1' to
clear.
NoData
0
EasyDMA registers have not been captured for this endpoint
DataDone
1
EasyDMA registers have been captured for this endpoint
6.26.13.29 EPDATASTATUS
Address offset: 0x46C
Provides information on which endpoint(s) an acknowledged data transfer has occurred (EPDATA event)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
N M L K J I H
G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A-G RW EPIN[i] (i=1..7)
Acknowledged data transfer on this IN endpoint. Write '1' to
clear.
NotDone
0
No acknowledged data transfer on this endpoint
DataDone
1
Acknowledged data transfer on this endpoint has occurred
H-N RW EPOUT[i] (i=1..7)
Acknowledged data transfer on this OUT endpoint. Write '1'
to clear.
NotStarted
0
No acknowledged data transfer on this endpoint
Started
1
Acknowledged data transfer on this endpoint has occurred
6.26.13.30 USBADDR
Address offset: 0x470
Device USB address
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
ADDR
Device USB address
6.26.13.31 BMREQUESTTYPE
Address offset: 0x480
SETUP data, byte 0, bmRequestType
4463_156 v1.0
400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com