Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 404 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 404 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 404Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 405Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 406Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 407Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 408Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 437 page
background image
Peripherals
6.26.13.42 USBPULLUP
Address offset: 0x504
Control of the USB pull-up
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CONNECT
Control of the USB pull-up on the D+ line
Disabled
0
Pull-up is disconnected
Enabled
1
Pull-up is connected to D+
6.26.13.43 DPDMVALUE
Address offset: 0x508
State D+ and D- lines will be forced into by the DPDMDRIVE task. The DPDMNODRIVE task reverts the
control of the lines to MAC IP (no forcing).
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW STATE
State D+ and D- lines will be forced into by the DPDMDRIVE
task
Resume
1
D+ forced low, D- forced high (K state) for a timing preset in
hardware (50 μs or 5 ms, depending on bus state)
J
2
D+ forced high, D- forced low (J state)
K
4
D+ forced low, D- forced high (K state)
6.26.13.44 DTOGGLE
Address offset: 0x50C
Data toggle control and status
Write this register first with VALUE=Nop to select the endpoint; then read it to get the status from VALUE,
or write it again with VALUE=Data0 or Data1
4463_156 v1.0
404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com