Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52820-QDAA-R Datasheet(PDF) 405 Page - Nordic Semiconductor

Part # NRF52820-QDAA-R
Description  nRF52820
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52820-QDAA-R Datasheet(HTML) 405 Page - Nordic Semiconductor

Back Button NRF52820-QDAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 404Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 405Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 406Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 407Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 408Page - Nordic Semiconductor NRF52820-QDAA-R Datasheet HTML 409Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 437 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
C C B
A A A
Reset 0x00000100
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EP
Select bulk endpoint number
B
RW IO
Selects IN or OUT endpoint
Out
0
Selects OUT endpoint
In
1
Selects IN endpoint
C
RW VALUE
Data toggle value
Nop
0
No action on data toggle when writing the register with this
value
Data0
1
Data toggle is DATA0 on endpoint set by EP and IO
Data1
2
Data toggle is DATA1 on endpoint set by EP and IO
6.26.13.45 EPINEN
Address offset: 0x510
Endpoint IN enable
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
Access
Field
Value ID
Value
Description
A-H RW IN[i] (i=0..7)
Enable IN endpoint i
Disable
0
Disable endpoint IN i (no response to IN tokens)
Enable
1
Enable endpoint IN i (response to IN tokens)
I
RW ISOIN
Enable ISO IN endpoint
Disable
0
Disable ISO IN endpoint 8
Enable
1
Enable ISO IN endpoint 8
6.26.13.46 EPOUTEN
Address offset: 0x514
Endpoint OUT enable
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
ID
Access
Field
Value ID
Value
Description
A-H RW OUT[i] (i=0..7)
Enable OUT endpoint i
Disable
0
Disable endpoint OUT i (no response to OUT tokens)
Enable
1
Enable endpoint OUT i (response to OUT tokens)
I
RW ISOOUT
Enable ISO OUT endpoint 8
Disable
0
Disable ISO OUT endpoint 8
Enable
1
Enable ISO OUT endpoint 8
6.26.13.47 EPSTALL
Address offset: 0x518
STALL endpoints
4463_156 v1.0
405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com