Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-B042 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SPEAR-09-B042
Description  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 14Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 15Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 16Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 17Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 18Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 19Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 20Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 21Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Pins description
SPEAR-09-B042
18/66
Note:
PU means Pull Up and PD means pull down
RTC
RTC_XI
E2
Input
32KHz crystal I
Oscillator 1V capable
RTC_XO
E1
Output
32 KHz crystal O
SMI
SMI_DATAIN
M13
I/O
Serial Flash input data
TTL input buffer 3.3 V
tolerant, PU
SMI_DATAOUT
M14
I/O
Serial Flash output data TTL output buffer 3.3 V
capable, 4mA
SMI_CLK
N17
I/O
Serial Flash clock
SMI_CS_0
M15
Output
Serial Flash
chip select
SMI_CS_1
M16
Reset
MRESET
M17
Input
Main reset
TTL Schmitt trigger input
buffer, 3.3 V tolerant, PU
3.3 V
Com-
pens.
DIGITAL_REXT
G4
Output
Configuration
Analog, 3.3 V capable
DIGITAL_GND_RE
XT
F4
Power
Power
Power
Table 1.
Pin description by functional group (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com