Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-B042 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPEAR-09-B042
Description  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 25Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 26Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 27Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 28Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 29Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 30Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 31Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 32Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
SPEAR-09-B042
Main blocks
29/66
8.9
Serial memory interface
The main features of SMI are listed below:
●
supports the following SPI-compatible Flash and EEPROM devices:
–
STMicroelectronics M25Pxxx, M45Pxxx
–
STMicroelectronics M95xxx, except M95040, M95020 and M95010
–ATMEL AT25Fxx
–YMC Y25Fxx
–
SST SST25LFxx
●
acts always as a SPI master and up to 2 SPI slave memory devices are supported
(through as many chip select signals), with up to 16 MB address space each
●
the SMI clock signal (SMICLK) is generated by SMI (and input to all slaves) using a
clock provided by the AHB bus
●
SMICLK
can be up to 50 MHz in fast read mode (or 20 MHz in normal mode). It can be
controlled by 7 programmable bits.
8.10
JPEG (codec)
The main features of the JPEG codec are:
●
compliance with the baseline JPEG standard (ISO/IEC 10918-1)
●
single-clock per pixel encoding/decoding
●
support for up to four channels of component color
●
8-bit/channel pixel depths
●
programmable quantization tables (up to four)
●
programmable Huffman tables (two AC and two DC)
●
programmable minimum coded unit (MCU)
●
configurable JPEG headers processing
●
support for restart marker insertion
●
use of two DMA channels and of two 8 x 32-bits FIFO’s (local to the JPEG) for efficient
transferring and buffering of encoded/decoded data from/to the codec core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com