Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPEAR-09-B042 Datasheet(PDF) 48 Page - STMicroelectronics

Part # SPEAR-09-B042
Description  SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR-09-B042 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button SPEAR-09-B042 Datasheet HTML 44Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 45Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 46Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 47Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 48Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 49Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 50Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 51Page - STMicroelectronics SPEAR-09-B042 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 66 page
background image
Standard customization
SPEAR-09-B042
48/66
Figure 11.
Type of data carried by the TDM
Two banks are used to exchange the samples with the processor. The number of sample
stored in a buffer is programmable.
When the TDM reads and stores the data in one bank, the processor is owner of the other
bank, allowing it to read the received data before writing a new buffer to be played.
The processor can compute the data directly in the buffer.
When the two banks are switched, this can generate either an interrupt or a DMA transfer.
When this event occurs, if the processor has not finished to compute the previous input
buffer and to store the new output buffer, the computation is out of real time. The software
must to check that operations are done in real time.
To avoid synchronization issues, the MSB of the buffer address can be managed by the
device itself, the processor always accessing the right bank at addresses 0x0000 to 0x3FFF.
9.4.6
I2S interface
The I2S block is very similar to TDM block, but the frame sync is limited to Philips I2S
definition.
The I2S block can be master or slave for the clock.
The I2S block can be master or slave for the sync signal.
Bufferization is limited to 1024 samples (512 left and 512 right samples representing 64 ms
of voice). Data is stored always on 32-bits. Left and right channels are stored in two different
buffers. Two banks are used to exchange data with the processor.
The I2S interface is composed of 4 signals which are shown in Table 17.
Half frame
Narrowband companded
Narrowband linear
Wideband companded
Wideband linear
frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com