Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 35 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 35 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 31Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 32Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 33Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 34Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 35Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 36Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 37Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 38Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 39Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
35
tOELSi
Latch Setup Time (Global Gate)
1.40
—
1.40
—
1.40
—
2.33
—
ns
tOELSi_PT
Latch Setup Time (Product Term Gate)
1.00
—
1.00
—
1.00
—
1.67
—
ns
tOESi
Register Setup Time (Global Clock)
1.00
—
1.00
—
1.40
—
2.33
—
ns
tOESi_PT
Register Setup Time (Product Term Clock)
1.00
—
1.00
—
1.00
—
1.67
—
ns
tOESRPWi
Asynchronous Set/Reset Pulse Width
—
2.50
—
2.50
—
2.50
—
4.17
ns
Timing v.2.2
1. Internal parameters are not tested and are for reference only. Refer to the timing model in this data sheet for details.
2. tPLL_DELAY is the unit of increment by which the clock signal can be incremented. The PLL can adjust the clock signal by up to tRANGE (as
given in the sysCLOCK PLL Timing section) in either direction in steps of size tPLL_DELAY.
ispGDX2V/B/C, ispGDX2EV/EB/EC Internal Timing Parameters
1 (Continued)
Over Recommended Operating Conditions
Parameter
Description
-3
-32
-35
-5
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com