Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 59Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 60Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 61Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 62Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 63Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 64Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 65Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 66Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
63
BK3_IO15
3
55N
3B
15
-
-
FIFO3B_EMPTY
C16
BK3_IO16
3
56P
2B
0
-
HSI2B_RXD0/TXD0
FIFO2B_DIN0/DOUT0
D15
BK3_IO17
3
56N
2B
1
Note 4
HSI2B_RXD1/TXD1
FIFO2B_DIN1/DOUT1
D14
BK3_IO18
3
57P
2B
2
-
HSI2B_RXD2/TXD2
FIFO2B_DIN2/DOUT2
B16
BK3_IO19
3
57N
2B
3
-
HSI2B_RXD3/TXD3
FIFO2B_DIN3/DOUT3
C15
GND
3
-
-
-
-
-
-
GND
BK3_IO20
3
58P
2B
4
HSI2B_SOUTP
HSI2B_RXD4/TXD4
FIFO2B_DIN4/DOUT4
G13
BK3_IO21
3
58N
2B
5
HSI2B_SOUTN
HSI2B_RXD5/TXD5
FIFO2B_DIN5/DOUT5
G12
BK3_IO22
3
59P
2B
6
-
HSI2B_RXD6/TXD6
FIFO2B_DIN6/DOUT6
B15
BK3_IO23
3
59N
2B
7
FIFO2B_STRDb
6
HSI2B_RXD7/TXD7
FIFO2B_DIN7 /DOUT7
A15
BK3_IO24
3
60P
2B
8
-
HSI2B_RXD8/TXD8
FIFO2B_DIN8/DOUT8
C14
BK3_IO25
3
60N
2B
9
HSI2B_SYDT
5
HSI2B_RXD9/TXD9
FIFO2B_DIN9/DOUT9
A14
BK3_IO26
3
61P
2B
10
HSI2B_SINP
HSI2B_RECCLK
-
F13
BK3_IO27
3
61N
2B
11
HSI2B_SINN
-
-
F12
GND
3
-
-
-
-
-
-
GND
BK3_IO28
3
62P
2B
12
-
HSI2B_SYDT
5
FIFO2B_FULL
D13
BK3_IO29
3
62N
2B
13
HSI2B_CDRRSTb
-
FIFO2B_FIFORSTb
C13
BK3_IO30/
PLL_LOCK3
3
63P
2B
14
-
-
-
B13
BK3_IO31
3
63N
2B
15
-
-
FIFO2B_ EMPTY
A13
RESETb
-
-
-
-
-
-
D12
BK4_IO0
4
64N
4A
0
-
-
FIFO4A_EMPTY
A10
BK4_IO1/
PLL_LOCK0
4
64P
4A
1
-
-
-
B10
BK4_IO2
4
65N
4A
2
HSI4A_CDRRSTb
-
FIFO4A_FIFORSTb
E11
BK4_IO3
4
65P
4A
3
-
HSI4A_SYDT
5
FIFO4A_FULL
E10
GND
4
-
-
-
GND
BK4_IO4
4
66N
4A
4
HSI4A_SINN
-
-
F11
BK4_IO5
4
66P
4A
5
HSI4A_SINP
HSI4A_RECCLK
-
F10
BK4_IO6
4
67N
4A
6
HSI4A_SYDT
5
HSI4A_RXD9/TXD9
FIFO4A_DIN9/DOUT9
C10
BK4_IO7
4
67P
4A
7
-
HSI4A_RXD8/TXD8
FIFO4A_DIN8/DOUT8
C9
BK4_IO8
4
68N
4A
8
FIFO4A_STRDb
6
HSI4A_RXD7/TXD7
FIFO4A_DIN7 /DOUT7
D10
BK4_IO9/
PLL_FB0
4
68P
4A
9
-
HSI4A_RXD6/TXD6
FIFO4A_DIN6/DOUT6
D9
BK4_IO10
4
69N
4A
10
HSI4A_SOUTN
HSI4A_RXD5/TXD5
FIFO4A_DIN5/DOUT5
G11
BK4_IO11
4
69P
4A
11
HSI4A_SOUTP
HSI4A_RXD4/TXD4
FIFO4A_DIN4/DOUT4
G10
GND
4
-
-
-
-
GND
BK4_IO12
4
70N
4A
12
-
HSI4A_RXD3/TXD3
FIFO4A_DIN3/DOUT3
A9
BK4_IO13
4
70P
4A
13
-
HSI4A_RXD2/TXD2
FIFO4A_DIN2/DOUT2
C8
BK4_IO14
4
71N
4A
14
Note 4
HSI4A_RXD1/TXD1
FIFO4A_DIN1/DOUT1
B8
BK4_IO15
4
71P
4A
15
-
HSI4A_RXD0/TXD0
FIFO4A_DIN0/DOUT0
A8
BK4_IO16
4
72N
5A
0
-
-
FIFO5A_EMPTY
B7
BK4_IO17/
PLL_RST0
4
72P
5A
1
-
-
-
C7
BK4_IO18
4
73N
5A
2
HSI5A_CDRRSTb
-
FIFO5A_FIFORSTb
A7
BK4_IO19
4
73P
5A
3
FIFO5A_STRDb
6
--
B6
GND
4
-
-
-
-
-
-
GND
BK4_IO20
4
74N
5A
4
HSI5A_SOUTN
HSI5A_RECCLK
-
F9
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com