Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 53 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 53 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 49Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 50Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 51Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 52Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 53Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 54Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 55Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 56Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 57Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
53
ispGDX2-64 Logic Signal Connections
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block
MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
100
fpBGA
GOE0
-
-
-
-
-
-
-
H6
BK0_IO0/PLL_LOCK0
0
0N
0A
0
-
-
FIFO0_FULL
J6
BK0_IO1
0
0P
0A
1
HSI0A_CDRRSTb
-
FIFO0_FIFORSTb
K6
GND
0
-
-
-
-
-
-
GND
BK0_IO2
0
1N
0A
2
HSI0A_SINN
HSI0A_RECCLK
-
G7
BK0_IO3
0
1P
0A
3
HSI0A_SINP
-
-
H7
GND
0
-
-
-
-
-
-
GND
BK0_IO4/PLL_RST0
0
2N
0A
4
-
HSI0A_RXD0/TXD0
FIFO0_DIN0/DOUT0
K7
BK0_IO5
0
2P
0A
5
-
HSI0A_RXD1/TXD1
FIFO0_DIN1/DOUT1
K8
BK0_IO6
0
3N
0A
6
-
HSI0A_RXD2/TXD2
FIFO0_DIN2/DOUT2
J8
BK0_IO7
0
3P
0A
7
Note 4
HSI0A_RXD3/TXD3
FIFO0_DIN3/DOUT3
K9
GND
0
-
-
-
-
-
-
GND
TCK
-
-
-
-
-
-
-
J10
RESETb
-
-
-
-
-
-
-
J9
BK1_IO0/PLL_FBK0
1
4P
0A
8
HSI0A_SYDT
5
HSI0A_RXD4/TXD4
FIFO0_DIN4/DOUT4
H10
BK1_IO1
1
4N
0A
9
-
HSI0A_RXD5/TXD5
FIFO0_DIN5/DOUT5
H9
BK1_IO2
1
5P
0A
10
-
HSI0A_RXD6/TXD6
FIFO0_DIN6/DOUT6
H8
BK1_IO3/VREF(0,1)
1
5N
0A
11
FIFO0_STRDb
6
HSI0A_RXD7/TXD7
FIFO0_DIN7/DOUT7
G10
GND
1
-
-
-
-
-
-
GND
BK1_IO4
1
6P
0A
12
HSI0A_SOUTP
HSI0A_RXD8/TXD8
FIFO0_DIN8/DOUT8
G9
BK1_IO5
1
6N
0A
13
HSI0A_SOUTN
HSI0A_RXD9/TXD9
FIFO0_DIN9/DOUT9
G8
GND
1
-
-
-
GND
BK1_IO6
1
7P
0A
14
SS_CLKIN1P
HSI0A_SYDT
5
-F9
BK1_IO7
1
7N
0A
15
SS_CLKIN1N
-
FIFO0_ EMPTY
F8
GCLK/CE2
-
CLK2P
-
-
-
-
-
F7
GCLK/CE3
-
CLK2N
-
-
-
-
-
E7
BK2_IO0
2
8N
0B
0
SS_CLKOUT0N
-
FIFO1_FULL
E8
BK2_IO1
2
8P
0B
1
SS_CLKOUT0P
-
FIFO1_EMPTY
E9
GND
2
-
-
-
-
-
-
GND
BK2_IO2
2
9N
0B
2
HSI0B_SOUTN
HSI0BA_SYDT
5
-D8
BK2_IO3
2
9P
0B
3
HSI0B_SOUTP
HSI0B_RXD0/TXD0
FIFO1_DIN0
D9
GND
2
-
-
-
-
-
-
GND
BK2_IO4/VREF (2,3)
2
10N
0B
4
-
HSI0B_RXD1/TXD1
FIFO1_DIN1/DOUT1
D10
BK2_IO5
2
10P
0B
5
-
HSI0B_RXD2/TXD2
FIFO1_DIN2/DOUT2
C9
BK2_IO6
2
11N
0B
6
HSI0_CSLOCK
HSI0B_RXD3/TXD3
FIFO1_DIN3/DOUT3
C10
BK2_IO7
2
11P
0B
7
Note 4
HSI0B_RXD4/TXD4
FIFO1_DIN4/DOUT4
B10
BK3_IO0
3
12P
0B
8
-
HSI0B_RXD5/TXD5
FIFO1_DIN5/DOUT5
A9
BK3_IO1
3
12N
0B
9
HSI0B_SYDT
5
HSI0B_RXD6/TXD6
FIFO1_DIN6/DOUT6
B8
BK3_IO2
3
13P
0B
10
HSI0B_RXD7/TXD7
FIFO1_DIN7/DOUT7
A8
BK3_IO3
3
13N
0B
11
-
HSI0B_RXD8/TXD8
FIFO1_DIN8/DOUT8
A7
GND
3
-
-
-
-
-
-
GND
BK3_IO4
3
14P
0B
12
HSI0B_SINP
HSI0B_RXD9/TXD9
FIFO1_DIN9/DOUT9
C7
BK3_IO5
3
14N
0B
13
HSI0B_SINN
HSI0B_RECCLK
-
D7
GND
3
-
-
-
-
-
-
GND
BK3_IO6
3
15P
0B
14
FIFO1_STRDb
6
--
B6
BK3_IO7/CLK_OUT0
3
15N
0B
15
HSI0B_CDRRSTb
-
FIFO1_FIFORSTb
C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com