Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 55 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 55 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 51Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 52Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 53Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 54Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 55Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 56Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 57Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 58Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 59Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
55
GND
7
-
-
-
-
-
-
GND
BK7_IO6
7
31P
1B
14
HSI1B_CDRRSTb
-
FIFO3_FIFORSTb
K5
BK7_IO7/PLL_LOCK2
7
31N
1B
15
-
-
FIFO3_FULL
J5
GOE1
7
-
-
-
-
-
-
H5
1. The signals in this column route to/from the assigned pins of the associated I/O cell.
2. The signals in this column use the I/O cell. If a receiver signal is present in the I/O cell, the associated pin is available for output only. When
transmit data (TXD) is present in the cell, the associated pin is available for input only.
3. The DOUT outputs are routed to GRP through the input register of the cell and the DIN inputs are routed direct from the associated pins in
FIFO only mode. In SERDES with FIFO mode, the FULL and EMPTY flags are routed to the associated pins through the output MUX and
the pins.
4. If the Source Synchronous Receiver is used in the HSI Block, this pin is unavailable for another use and must be left unconnected.
5. The SYDT signal has two routing options. If direct output through the dedicated pin is used, the I/O cell (the whole HSI Block) is not avail-
able for transmitter. The SYDT in the I/O Cell column is routed to the GRP through the input register of the cell and frees the I/O cell for
transmitter.
6. FIFO_STRDb flag output is used in SERDES with FIFO Mode only.
7. sysHSI Source Synchronous Receive Mode is not available for channel 1A.
ispGDX2-64 Logic Signal Connections (Continued)
Signal Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block
MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
100
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com