Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 68 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 68 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 64Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 65Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 66Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 67Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 68Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 69Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 70Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 71Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 72Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 68 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
68
Part Number Description
Ordering Information
Conventional Packaging
Commercial
Family
Part Number
I/Os
Voltage
tPD
Package
Pins
Grade
LX64V
LX64V-3F100C
64
3.3
3
fpBGA
100
C
LX64V-5F100C
64
3.3
5
fpBGA
100
C
LX128V
LX128V-32F208C
128
3.3
3.2
fpBGA
208
C
LX128V-5F208C
128
3.3
5
fpBGA
208
C
LX256V
LX256V-35F484C
256
3.3
3.5
fpBGA
484
C
LX256V-5F484C
256
3.3
5
fpBGA
484
C
LX64B
LX64B-3F100C
64
2.5
3
fpBGA
100
C
LX64B-5F100C
64
2.5
5
fpBGA
100
C
LX128B
LX128B-32F208C
128
2.5
3.2
fpBGA
208
C
LX128B-5F208C
128
2.5
5
fpBGA
208
C
LX256B
LX256B-35F484C
256
2.5
3.5
fpBGA
484
C
LX256B-5F484C
256
2.5
5
fpBGA
484
C
LX64C
LX64C-3F100C
64
1.8
3
fpBGA
100
C
LX64C-5F100C
64
1.8
5
fpBGA
100
C
LX128C
LX128C-32F208C
128
1.8
3.2
fpBGA
208
C
LX128C-5F208C
128
1.8
5
fpBGA
208
C
LX256C
LX256C-35F484C
256
1.8
3.5
fpBGA
484
C
LX256C-5F484C
256
1.8
5
fpBGA
484
C
Device Number
64 = 64 I/Os
128 = 128 I/Os
256 = 256 I/Os
sysHSI Support
Blank = Supports sysHSI
E = No sysHSI support
LX XXX X X – XX FXXX X
Grade
C = Commercial
I = Industrial
Power Supply Voltage
V = 3.3V
B = 2.5V
C = 1.8V
LX
Speed
3 = 3.0ns
32 = 3.2ns
35 = 3.5ns
5 = 5.0ns
Package
F100 = 100-Ball fpBGA
FN100 = Lead-Free 100-Ball fpBGA
F208 = 208-Ball fpBGA
FN208 = Lead-Free 208-Ball fpBGA
F484 = 484-Ball fpBGA
FN484 = Lead-Free 484-Ball fpBGA
Device Family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com