Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 22 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 22 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 18Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 19Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 20Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 21Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 22Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 23Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 24Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 25Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 26Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
22
Absolute Maximum Ratings
1, 2, 3
ispGDX2C (1.8V)
ispGDX2B/V (2.5/3.3V)
Supply Voltage VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
PLL Supply Voltage VCCP. . . . . . . . . . . . . . . . . . . . -0.5 to 2.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
Output Supply Voltage VCCO . . . . . . . . . . . . . . . . . -0.5 to 4.5V . . . . . . . . . . . . . . . . -0.5 to 4.5V
JTAG Supply Voltage (VCCJ) . . . . . . . . . . . . . . . . . -0.5 to 4.5V . . . . . . . . . . . . . . . . -0.5 to 4.5V
Input or I/O Tristate Voltage Applied
4, 5 . . . . . . . . . -0.5 to 5.5V . . . . . . . . . . . . . . . . -0.5 to 5.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65 to 150°C . . . . . . . . . . . . . . . -65 to 150°C
Junction Temp. (TJ) with Power Applied . . . . . . . . -55 to 150°C . . . . . . . . . . . . . . . -55 to 150°C
1. Stress above those listed under the Absolute Maximum Ratings may cause permanent damage to the device. Functional operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied (while program-
ming, following the programming specifications).
2. Compliance with the Lattice Thermal Management document is required.
3. All voltages referenced to GND.
4. Overshoot and undershoot of -2V to (VIH (MAX)+2) volts is permitted for a duration of <20ns.
5. A maximum of 64 I/Os per device with VIN > 3.6V is allowed.
Recommended Operating Conditions
Erase Reprogram Specifications
Hot Socketing Specifications
1, 2, 3
Symbol
Parameter
Min.
Max.
Units
VCC
Supply Voltage for 1.8V Devices
1
1.65
1.95
V
Supply Voltage for 2.5V Devices
2.3
2.7
V
Supply Voltage for 3.3V Devices
3
3.6
V
VCCP
Supply Voltage for PLL and sysHSI Blocks, 1.8V Devices
1
1.65
1.95
V
Supply Voltage for PLL and sysHSI Blocks, 2.5V Devices
2.3
2.7
V
Supply Voltage for PLL and sysHSI Blocks, 3.3V Devices
3
3.6
V
VCCJ
Power Supply Voltage for JTAG Programming 1.8V Operation
1.65
1.95
V
Power Supply Voltage for JTAG Programming 2.5V Operation
2.3
2.7
V
Power Supply Voltage for JTAG Programming 3.3V Operation
3
3.6
V
TJ (COM)
Junction Commercial Operation
0
90
°C
TJ (IND)
Junction Industrial Operation
-40
105
°C
1. sysHSI specification is valid for VCC and VCCP = 1.7V to 1.9V.
Parameter
Min
Max
Units
Erase/Reprogram Cycle
1,000
—
Cycles
Note: Valid over commercial temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDK
4
Input or Tristated I/O Leakage Current
0 ≤ VIN ≤ 3.0V
—
+/-50
+/-800
μA
1. Insensitive to sequence of VCC and VCCO. However, assumes monotonic rise/fall rates for VCC and VCCO, provided (VIN - VCCO) ≤ 3.6V.
2. LVTTL, LVCMOS only.
3. 0 < VCC ≤ VCC (MAX), 0 < VCCO ≤ VCCO (MAX).
4. IDK is additive to IPU, IPD or IBH. Device defaults to pull-up until fuse circuitry is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com