Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 40 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 40 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 36Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 37Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 38Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 39Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 40Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 41Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 42Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 43Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 44Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
40
LOCKIN Time
REFCLK and SS_CLKIN Timing
Serializer Timing
2
Symbol
Description
Mode
Condition
Min.
Max.
Units
tSCLOCK
CSPLL Lock Time
All
After input is stabilized
25
μS
tCDRLOCK
CDRPLL Lock-in Time
SS
With SS mode sync pattern
1024
tRCP
1
10B12B
With 10B12B sync pattern
1024
tRCP
8B10B
With 8B10B idle pattern
960
tRCP
tSYNC
SyncPat Length
SS
1200
tRCP
tCAL
CAL Duration
SS
1100
tRCP
tSUSYNC
SyncPat Set-up Time to CAL
SS
50
tRCP
tHDSYNC
SyncPat Hold Time from CAL
SS
50
tRCP
1. REFCLK clock period.
Symbol
Description
Mode
Condition
Min.
Max.
Units
tDREFCLK
Frequency Deviation Between TX REFCLK and
CDRX REFCLK on One Link
8B10B/
10B12B
-100
100
ppm
tJPPREFCLK
REFCLK, SS_CLKIN Peak-to-Peak Period Jitter
All
Random Jitter
0.01
UIPP
tPWREFCLK
REFCLK, SS_CLKIN Pulse Width, (80% to 80% or
20% to 20%).
All
1
ns
tRFREFCLK
REFCLK, SS_CLKIN Rise/Fall Time (20% to 80% or
80% to 20%)
All
2
ns
Symbol
Description
Mode
Condition
Min.
Max.
Units
tJPPSOUT
SOUT Peak-to-Peak Output Data Jitter
All
fCLK with no jitter
0.25
UIPP
tJPP8B10B
SOUT Peak-to-Peak Random Jitter
8B10B
800 Mbps w/K28.7-
130
ps
SOUT Peak-to-Peak Deterministic Jitter
8B10B
800 Mbps w/K28.5+
160
ps
tRFSOUT
SOUT Output Data Rise/Fall Time (20%,
80%)
LVDS
700
ps
BLVDS
900
ps
tCOSOUT
REFCLK to SOUT Delay
SS/8B10B
2Bt
1 + 2
2Bt
1 +10
ns
10B12B
1Bt
1 + 2
1Bt
1 +10
ns
tSKTX
Skew of SOUT with Respect to
SS_CLKOUT
SS
250
ps
tCKOSOUT
SS_CLKOUT to bit0 of SOUT
SS
2Bt
1 - tSKTX 2Bt1 + tSKTX
ns
tHSITXDDATAS TXD Data Setup Time
All
Note 3
1.5
ns
tHSITXDDATAH TXD Data Hold Time
All
Note 3
1.0
ns
1. Bt: Bit Time Period. High Speed Serial Bit Time.
2. The SIN and SOUT jitter specifications listed above are under the condition that the clock tree that drives the REFCLK to sysHSI Block is in
sysCLOCK PLL BYPASS mode.
3. Internal timing for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com