Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 23 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 23 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 19Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 20Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 21Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 22Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 23Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 24Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 25Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 26Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 27Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
23
DC Electrical Characteristics
Over Recommended Operating Conditions
Supply Current
Over Recommended Operating Conditions (ispGDX2-256)
4
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IIL, IIH
1
Input or I/O Low Leakage
0 ≤ VIN ≤ (VCCO - 0.2V)
—
—
10
μA
(VCCO - 0.2V) < VIN ≤ 3.6V
—
—
30
μA
IIH
3
Input High Leakage Current
3.6V < VIN ≤ 5.5V and
3.0V ≤ VCCO ≤ 3.6V
——
3
mA
IPU
I/O Active Pull-up Current
0 ≤ VIN ≤ 0.7 VCCO
-30
—
-150
μA
IPD
I/O Active Pull-down Current
VIL (MAX) ≤ VIN ≤ VIH (MAX)
30
—
150
μA
IBHLS
Bus Hold Low Sustaining Current VIN = VIL (MAX)
30
—
—
μA
IBHHS
Bus Hold High Sustaining Current VIN = 0.7 VCCO
-30
—
—
μA
IBHLO
Bus Hold Low Overdrive Current
0 ≤ VIN ≤ VIH (MAX)
—
—
150
μA
IBHLH
Bus Hold High Overdrive Current
0 ≤ VIN ≤ VIH (MAX)
—
—
-150
μA
VBHT
Bus Hold Trip Points
VCCO * 0.35
—
VCCO * 0.65
V
C1
I/O Capacitance
2
VCCO = 3.3V, 2.5V, 1.8V
—
8
—
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
—
—
C2
Clock Capacitance
2
VCCO = 3.3V, 2.5V, 1.8V
—
6
—
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
—
—
C3
Global Input Capacitance
2
VCCO = 3.3V, 2.5V, 1.8V
—
6
—
pf
VCC = 1.8V, VIO = 0 to VIH (MAX)
—
—
1. Input or I/O leakage current is measured with the pin configured as an input or as an I/O with the output driver tri-stated. It is not
measured with the output driver active. Bus maintenance circuits are disabled.
2. TA = 25°C, f = 1.0MHz.
3. 5V tolerant inputs and I/Os should be placed in banks where 3.0V ≤ VCCO ≤ 3.6V. The JTAG ports are not included for the 5V tolerant inter-
face.
Symbol
Description
Power Pins
Vcc (V)
Min.
Typ.
Max.
Units
ICC
1,2
Core Logic Power Supply Current
VCC
3.3
—
59.6
—
mA
2.5
—
58.7
—
mA
1.8
—
60.0
—
mA
GPLL/sysHSI Logic Power Supply
Current
3.3
—
118.7
—
mA
2.5
—
118.7
—
mA
1.8
—
117.5
—
mA
ICCP
2
GPLL/sysHSI CSPLL Power
Supply Current
VCCP
3.3
—
14.7
—
mA
2.5
—
14.7
—
mA
1.8
—
17.4
—
mA
ICCO
3
Bank Power Supply Current
VCCO
3.3
—
35
—
mA
2.5
—
35
—
mA
1.8
—
25
—
mA
ICCJ
JTAG Programming Current
VCCJ
3.3
—
1.5
—
mA
2.5
—
1.0
—
mA
1.8
—
800
—
µA
1. 64-input switching frequency at 20 MHz, with one GRP fanout.
2. One GPLL with fVCO = 400 MHz and one sysHSI Block (two receivers and two transmitters) at 622 MHz data rate.
3. All 8-bank reference circuit currents, all I/Os in tristate, inputs held at valid logic levels, and bus maintenance circuits disabled.
4. TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com