Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX64EBCF4845 Datasheet(PDF) 24 Page - Lattice Semiconductor

Part # LX64EBCF4845
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX64EBCF4845 Datasheet(HTML) 24 Page - Lattice Semiconductor

Back Button LX64EBCF4845 Datasheet HTML 20Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 21Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 22Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 23Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 24Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 25Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 26Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 27Page - Lattice Semiconductor LX64EBCF4845 Datasheet HTML 28Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
24
sysIO Recommended Operating Conditions
Standard
VCCO (V)
1
VREF (V)
Min.
Typ.
Max.
Min.
Typ.
Max.
LVCMOS 3.3
3.0
3.3
3.6
-
-
-
LVCMOS 2.5
2.3
2.5
2.7
-
-
-
LVCMOS 1.8
2
1.65
1.8
1.95
-
-
-
LVTTL
3.0
3.3
3.6
-
-
-
PCI 3.3
3.0
3.3
3.6
-
-
-
PCI-X
3.0
3.3
3.6
-
-
-
AGP-1X
3.15
3.3
3.45
-
-
-
SSTL 2
2.3
2.5
2.7
1.15
1.25
1.35
SSTL 3
3.0
3.3
3.6
1.3
1.5
1.7
CTT 3.3
3.0
3.3
3.6
1.35
1.5
1.65
CTT 2.5
2.3
2.5
2.7
1.35
1.5
1.65
HSTL Class I
1.4
1.5
1.6
0.68
0.75
0.9
HSTL Class III
1.4
1.5
1.6
-
0.9
-
HSTL Class IV
1.4
1.5
1.6
-
0.9
-
GTL+
1.4
-
3.6
0.882
1.0
1.122
LVPECL
3.0
3.3
3.6
-
-
-
LVDS
2.3
2.5/3.3
3.6
-
-
-
BLVDS
2.3
2.5/3.3
3.6
-
-
-
1. Inputs are independent of VCCO setting. However, VCCO must be set within the valid operating range for one of the supported standards.
2. Software default setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com