| Electronic Components Datasheet Search |
|
LX64EBCF4845 Datasheet(PDF) 14 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LX64EBCF4845 Datasheet(HTML) 14 Page - Lattice Semiconductor |
|
14 / 72 page ![]() Lattice Semiconductor ispGDX2 Family Data Sheet 14 Operating Modes All the GDX Blocks in the ispGDX2 family can be programmed in four modes: Basic, FIFO only, SERDES only, and FIFO with SERDES mode. In basic mode, the SERDES and FIFO are disabled and the MUX output of the MRB connects to the output register. Inputs are connected to the GRP via the MRB. Figure 11 shows the four different operating modes. Precise detail of the FIFO and SERDES connections is pro- vided in their respective sections. Figure 11. Four Operating Modes of ispGDX2 Devices FIFO Operations Each GDX Block is associated with a 10-bit wide and 15-word deep (10x15) RAM. This RAM, combined with two address counters and two comparators, is used to implement a FIFO as a “circular queue”. The FIFO has separate clocks, the Read Clock (RCLK) and Write Clock (WCLK), for asynchronous operation. The FIFO has three addi- tional control signals Write Enable, Read Enable and FIFO Reset. Three flags show the status of the FIFO: Empty, Full and Start Read. Each FIFO receives the global Power-on Reset and Reset signals. Figure 12 shows the con- nections to the FIFO. GDX Block sysIO Bank Basic Mode GRP SERDES FIFO GDX Block sysIO Bank FIFO Mode GRP SERDES FIFO GDX Block sysIO Bank SERDES Mode (FIFO in Flow-through Mode) GRP SERDES FIFO* *FIFO held in RESET for SERDES-only mode. GDX Block sysIO Bank SERDES and FIFO Mode GRP SERDES FIFO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |