Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 44Page - Renesas Technology Corp H8/3024 Datasheet HTML 45Page - Renesas Technology Corp H8/3024 Datasheet HTML 46Page - Renesas Technology Corp H8/3024 Datasheet HTML 47Page - Renesas Technology Corp H8/3024 Datasheet HTML 48Page - Renesas Technology Corp H8/3024 Datasheet HTML 49Page - Renesas Technology Corp H8/3024 Datasheet HTML 50Page - Renesas Technology Corp H8/3024 Datasheet HTML 51Page - Renesas Technology Corp H8/3024 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 10 of 800
REJ09B0260-0200
1.3.2
Pin Functions
Table 1.3 summarizes the pin functions.
Table 1.3
Pin Functions
Pin No.
Type
Symbol
FP-100B
TFP-100B FP-100A I/O
Name and Function
Power
VCC
1, 35,
68
3, 37,
70
Input
Power: For connection to the power supply.
Connect all VCC pins to the system power
supply.
VSS
11, 22,
44, 57,
65, 92
13, 24,
46, 59,
67, 94
Input
Ground: For connection to ground (0 V).
Connect all VSS pins to the 0-V system power
supply.
Clock
XTAL
67
69
Input
For connection to a crystal resonator.
For examples of crystal resonator and
external clock input, see section 19, Clock
Pulse Generator.
EXTAL
66
68
Input
For connection to a crystal resonator or input
of an external clock signal. For examples of
crystal resonator and external clock input, see
section 19, Clock Pulse Generator.
φ
61
63
Output System clock: Supplies the system clock to
external devices.
Operating
mode
control
MD2 to
MD0
75 to 73
77 to 75 Input
Mode 2 to mode 0: For setting the operating
mode, as follows. Inputs at these pins must
not be changed during operation.
MD2
MD1
MD0
Operating Mode
0
0
0
Setting prohibited
0
0
1
Mode 1
0
1
0
Mode 2
0
1
1
Mode 3
1
0
0
Mode 4
1
0
1
Mode 5
1
1
0
Mode 6
1
1
1
Mode 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com