Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 53Page - Renesas Technology Corp H8/3024 Datasheet HTML 54Page - Renesas Technology Corp H8/3024 Datasheet HTML 55Page - Renesas Technology Corp H8/3024 Datasheet HTML 56Page - Renesas Technology Corp H8/3024 Datasheet HTML 57Page - Renesas Technology Corp H8/3024 Datasheet HTML 58Page - Renesas Technology Corp H8/3024 Datasheet HTML 59Page - Renesas Technology Corp H8/3024 Datasheet HTML 60Page - Renesas Technology Corp H8/3024 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 841 page
background image
Section 2 CPU
Rev. 2.00 Sep 20, 2005 page 19 of 800
REJ09B0260-0200
Section 2 CPU
2.1
Overview
The H8/300H CPU is a high-speed central processing unit with an internal 32-bit architecture that
is upward-compatible with the H8/300 CPU. The H8/300H CPU has sixteen 16-bit general
registers, can address a 16-Mbyte linear address space, and is ideal for realtime control.
2.1.1
Features
The H8/300H CPU has the following features.
• Upward compatibility with H8/300 CPU
Can execute H8/300 Series object programs
• General-register architecture
Sixteen 16-bit general registers (also usable as sixteen 8-bit registers or eight 32-bit registers)
• 64 basic instructions
 8/16/32-bit arithmetic and logic instructions
 Multiply and divide instructions
 Powerful bit-manipulation instructions
• Eight addressing modes
 Register direct [Rn]
 Register indirect [@ERn]
 Register indirect with displacement [@(d:16, ERn) or @(d:24, ERn)]
 Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn]
 Absolute address [@aa:8, @aa:16, or @aa:24]
 Immediate [#xx:8, #xx:16, or #xx:32]
 Program-counter relative [@(d:8, PC) or @(d:16, PC)]
 Memory indirect [@@aa:8]
• 16-Mbyte linear address space
• High-speed operation
 All frequently-used instructions execute in two to four states
 Maximum clock frequency:
25 MHz
 8/16/32-bit register-register add/subtract: 80 ns@25 MHz
 8 × 8-bit register-register multiply:
560 ns@25 MHz
 16 ÷ 8-bit register-register divide:
560 ns@25 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com