Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

H8/3024 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # H8/3024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 89Page - Renesas Technology Corp H8/3024 Datasheet HTML 90Page - Renesas Technology Corp H8/3024 Datasheet HTML 91Page - Renesas Technology Corp H8/3024 Datasheet HTML 92Page - Renesas Technology Corp H8/3024 Datasheet HTML 93Page - Renesas Technology Corp H8/3024 Datasheet HTML 94Page - Renesas Technology Corp H8/3024 Datasheet HTML 95Page - Renesas Technology Corp H8/3024 Datasheet HTML 96Page - Renesas Technology Corp H8/3024 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 841 page
background image
Section 2 CPU
Rev. 2.00 Sep 20, 2005 page 55 of 800
REJ09B0260-0200
2.9.3
On-Chip Supporting Module Access Timing
The on-chip supporting modules are accessed in three states. The data bus is 8 or 16 bits wide,
depending on the internal I/O register being accessed. Figure 2.17 shows the on-chip supporting
module access timing. Figure 2.18 indicates the pin states.
Address bus
Internal read signal
Internal data bus
Internal write signal
Address
Internal data bus
φ
T state
Bus cycle
1
T state
2
T state
3
Read
access
Write
access
Write data
Read data
Figure 2.17 Access Cycle for On-Chip Supporting Modules
T
,
,
,
AS
φ
1
T2
Address bus
D
to D
15
0
RD HWR LWR
High
High impedance
T3
Address
Figure 2.18 Pin States during Access to On-Chip Supporting Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com